Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1354C-166AXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1354C-166AXI
Description  9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1354C-166AXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1354C-166AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1354C-166AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1354C-166AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1354C-166AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1354C-166AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1354C-166AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1354C-166AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1354C-166AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1354C-166AXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
CY7C1354C, CY7C1356C
Document Number: 38-05538 Rev. *K
Page 7 of 32
Pin Definitions
Pin Name
I/O Type
Pin Description
A0, A1, A
Input-
synchronous
Address inputs used to select one of the address locations. Sampled at the rising edge of
the CLK.
BWa,BWb,
BWc,BWd,
Input-
synchronous
Byte write select inputs, active LOW. Qualified with WE to conduct writes to the SRAM.
Sampled on the rising edge of CLK. BWa controls DQa and DQPa, BWb controls DQb and DQPb,
BWc controls DQc and DQPc, BWd controls DQd and DQPd.
WE
Input-
synchronous
Write enable input, active LOW. Sampled on the rising edge of CLK if CEN is active LOW. This
signal must be asserted LOW to initiate a write sequence.
ADV/LD
Input-
synchronous
Advance/load input used to advance the on-chip address counter or load a new address.
When HIGH (and CEN is asserted LOW) the internal burst counter is advanced. When LOW, a
new address can be loaded into the device for an access. After being deselected, ADV/LD should
be driven LOW to load a new address.
CLK
Input-
clock
Clock input. Used to capture all synchronous inputs to the device. CLK is qualified with CEN.
CLK is only recognized if CEN is active LOW.
CE1
Input-
synchronous
Chip enable 1 input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with
CE2 and CE3 to select/deselect the device.
CE2
Input-
synchronous
Chip enable 2 input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction
with CE1 and CE3 to select/deselect the device.
CE3
Input-
synchronous
Chip enable 3 input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with
CE1 and CE2 to select/deselect the device.
OE
Input-
asynchronous
Output enable, active LOW. Combined with the synchronous logic block inside the device to
control the direction of the I/O pins. When LOW, the I/O pins are allowed to behave as outputs.
When deasserted HIGH, I/O pins are tristated, and act as input data pins. OE is masked during
the data portion of a Write sequence, during the first clock when emerging from a deselected
state and when the device has been deselected.
CEN
Input-
synchronous
Clock enable input, active LOW. When asserted LOW the clock signal is recognized by the
SRAM. When deasserted HIGH the clock signal is masked. Since deasserting CEN does not
deselect the device, CEN can be used to extend the previous cycle when required.
DQS
I/O-
synchronous
Bidirectional data I/O lines. As inputs, they feed into an on-chip data register that is triggered
by the rising edge of CLK. As outputs, they deliver the data contained in the memory location
specified by addresses during the previous clock rise of the read cycle. The direction of the pins
is controlled by OE and the internal control logic. When OE is asserted LOW, the pins can behave
as outputs. When HIGH, DQa–DQd are placed in a tristate condition. The outputs are
automatically tristated during the data portion of a write sequence, during the first clock when
emerging from a deselected state, and when the device is deselected, regardless of the state
of OE.
DQPX
I/O-
synchronous
Bidirectional data parity I/O lines. Functionally, these signals are identical to DQ[a:d]. During
write sequences, DQPa is controlled by BWa, DQPb is controlled by BWb, DQPc is controlled by
BWc, and DQPd is controlled by BWd.
MODE
Input strap pin Mode input. Selects the burst order of the device. Tied HIGH selects the interleaved burst order.
Pulled LOW selects the linear burst order. MODE should not change states during operation.
When left floating MODE will default HIGH, to an interleaved burst order.
TDO
JTAG serial
output
synchronous
Serial data out to the JTAG circuit. Delivers data on the negative edge of TCK.
TDI
JTAG serial input
synchronous
Serial data in to the JTAG circuit. Sampled on the rising edge of TCK.
TMS
Test mode select
synchronous
This pin controls the test access port state machine. Sampled on the rising edge of TCK.
TCK
JTAG-clock
Clock input to the JTAG circuitry.
VDD
Power supply Power supply inputs to the core of the device.
[+] Feedback


Similar Part No. - CY7C1354C-166AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354C-166AXI CYPRESS-CY7C1354C-166AXI Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1354C-166AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_12 Datasheet
774Kb / 30P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1372D CYPRESS-CY7C1372D_12 Datasheet
968Kb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
CY7C1352G CYPRESS-CY7C1352G_12 Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com