Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

230-027FT12-3PCX Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 230-027FT12-3PCX
Description  Bayonet Coupling Jam-Nut Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-027FT12-3PCX Datasheet(HTML) 2 Page - Glenair, Inc.

  230-027FT12-3PCX Datasheet HTML 1Page - Glenair, Inc. 230-027FT12-3PCX Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
E-13
E
230-027
MIL-DTL-83723/93 Series III Type Hermetic
Bayonet Coupling Jam-Nut Mount Receptacle
with Straight Pin (All Sizes) or PCB (Size 20 Only) Contacts
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS
Shell
Size
A Dia
Max
B
C Dia
Min
D Dia
Shell I.D.
E Dia
Resilient
Insert
F Dia
G Dia
Max
N
Thread
JJ
Mounting
Flat
Panel
Cut-Out
EE
Panel
Cut-Out
FF
Jam
Nut
MS3186
8
1.068 (27.1) .979 (24.9) .493 (12.5) .433/.428
(11.0/10.9) .312 (7.9)
.536/.531
(13.6/13.5) .561 (14.2)
.625-20 UN-2A
.596/.590
(15.1/15.0) .605 (15.4) .635 (16.1)
-105
10 1.192 (30.3) 1.104 (28.0) .555 (14.1) .535/.530
(13.6/13.5) .388 (9.9)
.659/.654
(16.7/16.6) .696 (17.7) .750-20 UNEF-2A
.721/.715
(18.3/18.2) .730 (18.5) .760 (19.3)
-107
12 1.380 (35.1) 1.291 (32.8) .743 (18.9) .705/.700
(17.9/17.8) .558 (14.2)
.829/.824
(21.1/20.9) .875 (22.2) .937-20 UNEF-2A
.908/.902
(23.1/22.9) .917 (23.3) .947 (24.1)
-110
14 1.505 (38.2) 1.391 (35.3) .805 (20.4) .774/.796
(19.7/20.2) .627 (15.9)
.898/.893
(22.8/22.7) .935 (23.7) 1.000-20 UNEF-2A
.971/.965
(24.7/24.5) .980 (24.9) 1.010 (25.7)
-111
16 1.630 (41.4) 1.516 (38.5) .931 (23.6) .901/.896
(22.9/22.8) .772 (19.6)
1.025/1.020
(26.0/25.9) 1.062 (27.0) 1.125-20 UNEF-2A
1.096/1.090
(27.8/27.7) 1.105 (28.1) 1.135 (28.8)
-112
18 1.765 (44.8) 1.641 (41.7) 1.055 (26.8) 1.007/1.002\
(25.6/25.5) .860 (21.8)
1.131/1.126
(28.7/28.6) 1.187 (30.1) 1.250-18 UNEF-2A)
1.220/1.214
(31.0/30.8) 1.229 (31.2) 1.260 (32.0)
-116
20 1.860 (47.2) 1.766 (44.9) 1.243 (31.6) 1.132/1.125
(28.8/28.6) .985 (25.0)
1.256/1.251
(31.9/31.8) 1.312 (33.3) 1.375-18 UNEF-2A
1.345/1.339
(34.2/34.0) 1.354 (34.4) 1.385 (35.2)
-117
22 2.068 (52.5) 1.954 (49.6) 1.305 (33.1) 1.257/1.252
(31.9/31.8) 1.110 (28.2)
1.381/1.376
(35.1/35.0) 1.437 (36.5) 1.500-18 UNEF-2A
1.470/1.464
(37.3/37.2) 1.479 (37.6) 1.510 (38.4)
-120
24 2.160 (54.9) 2.079 (52.8) 1.493 (37.9) 1.382/1.377
(35.1/35.0) 1.235 (31.4)
1.506/1.501
(38.3/38.1) 1.562 (39.7) 1.625-18 UNEF-2A
1.595/1.587
(40.5/40.3) 1.604 (40.7) 1.635 (41.5)
-121
Painted
Bayonet
Pin Ends
Jam Nut
Per Table
.125 Max
Thick Panel
FF
EE
1
2
3
.250
Flush
Min
.0345
.0315
Ø
Flex Circuit
Contact Detail
Panel Cut Out
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 230-027FT12-3PCX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-027 GLENAIR-230-027 Datasheet
271Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
More results

Similar Description - 230-027FT12-3PCX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-022 GLENAIR-230-022 Datasheet
310Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
447Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
450Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-022 GLENAIR-230-022 Datasheet
464Kb / 2P
   Bayonet Coupling Jam Nut Mount Receptacle
230-027 GLENAIR-230-027 Datasheet
271Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-025 GLENAIR-230-025 Datasheet
269Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-034 GLENAIR-230-034 Datasheet
297Kb / 2P
   Bayonet Coupling Jam-Nut Mount Receptacle
230-015Z1-106P GLENAIR-230-015Z1-106P_09 Datasheet
450Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
947-292 GLENAIR-947-292 Datasheet
402Kb / 2P
   Bayonet Coupling Jam Nut Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com