Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1320KV18-300BZXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1320KV18-300BZXC
Description  18-Mbit DDR II SRAM Two-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1320KV18-300BZXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1320KV18-300BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1320KV18-300BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1320KV18-300BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1320KV18-300BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1320KV18-300BZXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1320KV18-300BZXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1320KV18-300BZXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1320KV18-300BZXC Datasheet HTML 14Page - Cypress Semiconductor CY7C1320KV18-300BZXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
CY7C1316KV18, CY7C1916KV18
CY7C1318KV18, CY7C1320KV18
Document Number: 001-58905 Rev. *C
Page 11 of 32
Truth Table
The truth table for the CY7C1316KV18, CY7C1916KV18, CY7C1318KV18, and CY7C1320KV18 follow.[2, 3, 4, 5, 6, 7]
Operation
K
LD
R/W
DQ
DQ
Write cycle:
Load address; wait one cycle;
input write data on consecutive K and K rising edges.
L–H
L
L
D(A1) at K(t + 1)
 D(A2) at K(t + 1) 
Read cycle:
Load address; wait one and a half cycle;
read data on consecutive C and C rising edges.
L–H
L
H
Q(A1) at C(t + 1)
 Q(A2) at C(t + 2) 
NOP: No operation
L–H
H
X
High Z
High Z
Standby: Clock stopped
Stopped
X
X
Previous State
Previous State
Burst Address Table
(CY7C1318KV18, CY7C1320KV18)
First Address (External)
Second Address (Internal)
X..X0
X..X1
X..X1
X..X0
Write Cycle Descriptions
The write cycle description table for CY7C1316KV18 and CY7C1318KV18 follows.[2, 8]
BWS0/
NWS0
BWS1/
NWS1
K
K
Comments
L
L
L–H
During the data portion of a write sequence
CY7C1316KV18
both nibbles (D
[7:0]) are written into the device.
CY7C1318KV18
both bytes (D
[17:0]) are written into the device.
L
L
L–H During the data portion of a write sequence
CY7C1316KV18
both nibbles (D
[7:0]) are written into the device.
CY7C1318KV18
both bytes (D
[17:0]) are written into the device.
L
H
L–H
During the data portion of a write sequence
CY7C1316KV18
only the lower nibble (D
[3:0]) is written into the device, D[7:4] remains unaltered.
CY7C1318KV18
only the lower byte (D
[8:0]) is written into the device, D[17:9] remains unaltered.
L
H
L–H During the data portion of a write sequence
CY7C1316KV18
only the lower nibble (D
[3:0]) is written into the device, D[7:4] remains unaltered.
CY7C1318KV18
only the lower byte (D
[8:0]) is written into the device, D[17:9] remains unaltered.
H
L
L–H
During the data portion of a write sequence
CY7C1316KV18
only the upper nibble (D
[7:4]) is written into the device, D[3:0] remains unaltered.
CY7C1318KV18
only the upper byte (D
[17:9]) is written into the device, D[8:0] remains unaltered.
H
L
L–H During the data portion of a write sequence
CY7C1316KV18
only the upper nibble (D
[7:4]) is written into the device, D[3:0] remains unaltered.
CY7C1318KV18
only the upper byte (D
[17:9]) is written into the device, D[8:0] remains unaltered.
H
H
L–H
No data is written into the devices during this portion of a write operation.
H
H
L–H No data is written into the devices during this portion of a write operation.
Notes
2. X = ‘Don’t Care’, H = Logic HIGH, L = Logic LOW,
represents rising edge.
3. Device powers up deselected with the outputs in a tristate condition.
4. On CY7C1318KV18 and CY7C1320KV18, ‘A1’ represents address location latched by the devices when transaction was initiated and ‘A2’ represents the addresses
sequence in the burst. On CY7C1316KV18 and CY7C1916KV18, ‘A1’ represents A + ‘0’ and ‘A2’ represents A + ‘1’.
5. ‘t’ represents the cycle at which a read/write operation is started. t + 1 and t + 2 are the first and second clock cycles succeeding the ‘t’ clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. Ensure that when the clock is stopped K = K and C = C = HIGH. This is not essential, but permits most rapid restart by overcoming transmission line charging
symmetrically.
8. Is based on a write cycle that was initiated in accordance with the Write Cycle Descriptions table. NWS0, NWS1, BWS0, BWS1, BWS2, and BWS3 can be altered on
different portions of a write cycle, as long as the setup and hold requirements are achieved.
[+] Feedback


Similar Part No. - CY7C1320KV18-300BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C13201KV18-300BZXC CYPRESS-CY7C13201KV18-300BZXC Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C13201KV18-333BZXC CYPRESS-CY7C13201KV18-333BZXC Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1320AV18 CYPRESS-CY7C1320AV18 Datasheet
228Kb / 20P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1320AV18-167BZC CYPRESS-CY7C1320AV18-167BZC Datasheet
228Kb / 20P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1320KV18-300BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1392KV18 CYPRESS-CY7C1392KV18 Datasheet
854Kb / 31P
   18-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1392KV18 CYPRESS-CY7C1392KV18_12 Datasheet
787Kb / 30P
   18-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1618KV18 CYPRESS-CY7C1618KV18 Datasheet
753Kb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1518AV18 CYPRESS-CY7C1518AV18_11 Datasheet
1Mb / 29P
   72-Mbit DDR-II SRAM Two-Word Burst Architecture
CY7C1418KV18 CYPRESS-CY7C1418KV18_12 Datasheet
1Mb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C161KV18 CYPRESS-CY7C161KV18 Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com