Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

257-093Z123-35PB Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 257-093Z123-35PB
Description  Jam Nut Mount Hermetic Bulkhead Feed-Thru
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

257-093Z123-35PB Datasheet(HTML) 2 Page - Glenair, Inc.

  257-093Z123-35PB Datasheet HTML 1Page - Glenair, Inc. 257-093Z123-35PB Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
B-41
B
257-093
Jam Nut Mount Hermetic Bulkhead Feed-Thru
MIL-DTL-38999 Series III Type
RECOMMENDED PANEL CUT-OUT
D DIA
E
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
0.1 P-0.3L-TS-2
B
DIM
C DIM
MAX
D
DIA
E
DIM
F THREAD
CLASS 2A
9
0.625
.875(22.2) 1.09(27.7)
.698(17.7)
.322 (8.2)
11/16-24 UNEF
11
0.750
1.000(25.4) 1.28(32.5)
.822(20.9)
.385 (9.8)
13/16-20 UNEF
13
0.875
1.250(31.8) 1.40(35.6) 1.010(27.6) .479 (12.2)
1-20 UNEF
15
1.000
1.375(34.9) 1.53(38.9) 1.135(28.8) .541 (13.7)
1 1/8-18 UNEF
17
1.187
1.500(38.1) 1.66(42.2) 1.260(32.0) .604 (15.3)
1 1/4-18 UNEF
19
1.250
1.625(41.3) 1.84(46.7) 1.385(35.2) .635 (16.1)
1 3/8-18 UNEF
21
1.375
1.750(44.5) 1.97(50.5) 1.510(38.4) .698 (17.7)
1 1/2-18 UNEF
23
1.500
1.875(47.6) 2.09(53.1) 1.635(41.5) .760 (19.3)
1 5/8-18 UNEF
25
1.625
2.000(50.8) 2.21(56.1) 1.760(44.7) .822 (20.9)
1 3/4-18 UNEF
APPLICATION NOTES
Assembly identified with manufacturer’s name and PN, space
1.
permitting.
For pin/pin and socket/socket, symmetrical layouts only, consult
2.
factory for available insert arrangements.
Electrical safety limits must be established by user, peak voltage,
3.
switching surge, transient, etc. should be used to determine the safety
of the application.
Material/Finish:
4.
Shell, lock ring, jam nut—stainless steel/passivate
Contacts—alloy 52/gold plate
Sockets—copper alloy/gold plate
Hermetic Insulator—full glass/N.A.
Socket Insulator—rigid dielectric/N.A.
Seals—fluorosilicone/ N.A.
Metric dimensions (mm) are indicated in parentheses.
5.
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 257-093Z123-35PB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-093 GLENAIR-257-093_15 Datasheet
285Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
More results

Similar Description - 257-093Z123-35PB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
231-103-H7FT09-35PA01 GLENAIR-231-103-H7FT09-35PA01 Datasheet
430Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H7 GLENAIR-232-103-H7 Datasheet
185Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-120 GLENAIR-947-120 Datasheet
290Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-278 GLENAIR-947-278 Datasheet
513Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H9 GLENAIR-232-103-H9 Datasheet
315Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
231-103-H7FT09-35PA01 GLENAIR-231-103-H7FT09-35PA01_09 Datasheet
425Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-120 GLENAIR-947-120 Datasheet
408Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H7Z108 GLENAIR-232-103-H7Z108_09 Datasheet
433Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
231-103-H9 GLENAIR-231-103-H9 Datasheet
310Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-115 GLENAIR-947-115 Datasheet
290Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com