Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C63813-SXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C63813-SXC
Description  enCoRe??II Low Speed USB Peripheral Controller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63813-SXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C63813-SXC Datasheet HTML 1Page - Cypress Semiconductor CY7C63813-SXC Datasheet HTML 2Page - Cypress Semiconductor CY7C63813-SXC Datasheet HTML 3Page - Cypress Semiconductor CY7C63813-SXC Datasheet HTML 4Page - Cypress Semiconductor CY7C63813-SXC Datasheet HTML 5Page - Cypress Semiconductor CY7C63813-SXC Datasheet HTML 6Page - Cypress Semiconductor CY7C63813-SXC Datasheet HTML 7Page - Cypress Semiconductor CY7C63813-SXC Datasheet HTML 8Page - Cypress Semiconductor CY7C63813-SXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
CY7C63310, CY7C638xx
Document 38-08035 Rev. *N
Page 3 of 86
Internal
24 MHz
Oscillator
3.3V
Regulator
Clock
Control
POR /
Low-Voltage
Detect
Watchdog
Timer
RAM
Up to 256
Byte
M8C CPU
Flash
Up to 8K
Byte
Up to 14
Extended
IO Pins
Low-Speed
USB/PS2
Transceiver
and Pull up
Up to 6
GPIO
pins
Wakeup
Timer
16-bit Free
running
timer
12-bit Timer
4 3VIO/SPI
Pins
Interrupt
Control
Low-Speed
USB SIE
External Clock
Logic Block Diagram
[+] Feedback


Similar Part No. - CY7C63813-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63813-SXC CYPRESS-CY7C63813-SXC Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63813-SXC CYPRESS-CY7C63813-SXC Datasheet
1Mb / 83P
   enCoRe II Low Speed USB Peripheral Controller
CY7C63813-SXC CYPRESS-CY7C63813-SXC_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results

Similar Description - CY7C63813-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_08 Datasheet
1Mb / 83P
   enCoRe II Low Speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63722 CYPRESS-CY7C63722 Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com