Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C63823-QXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C63823-QXC
Description  enCoRe??II Low Speed USB Peripheral Controller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63823-QXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C63823-QXC Datasheet HTML 1Page - Cypress Semiconductor CY7C63823-QXC Datasheet HTML 2Page - Cypress Semiconductor CY7C63823-QXC Datasheet HTML 3Page - Cypress Semiconductor CY7C63823-QXC Datasheet HTML 4Page - Cypress Semiconductor CY7C63823-QXC Datasheet HTML 5Page - Cypress Semiconductor CY7C63823-QXC Datasheet HTML 6Page - Cypress Semiconductor CY7C63823-QXC Datasheet HTML 7Page - Cypress Semiconductor CY7C63823-QXC Datasheet HTML 8Page - Cypress Semiconductor CY7C63823-QXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
CY7C63310, CY7C638xx
enCoRe™ II
Low Speed USB Peripheral Controller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document 38-08035 Rev. *N
Revised March 18, 2011
Features
USB 2.0-USB-IF certified (TID # 40000085)
enCoRe™ II USB - ‘enhanced Component Reduction’
Crystalless oscillator with support for an external clock. The
internal oscillator eliminates the need for an external crystal
or resonator.
Two internal 3.3 V regulators and an internal USB Pull-up
resistor
Configurable I/O for real world interface without external
components
USB Specification compliance
Conforms to USB Specification, Version 2.0
Conforms to USB HID Specification, Version 1.1
Supports one low speed USB device address
Supports one control endpoint and two data endpoints
Integrated USB transceiver with dedicated 3.3 V regulator for
USB signalling and D– pull-up.
Enhanced 8-bit microcontroller
Harvard architecture
M8C CPU speed is up to 24 MHz or sourced by an external
clock signal
Internal memory
Up to 256 bytes of RAM
Up to eight Kbytes of flash including EEROM emulation
Interface can auto configure to operate as PS/2 or USB
No external components for switching between PS/2 and
USB modes
No General Purpose I/O (GPIO) pins required to manage
dual mode capability
Low power consumption
Typically 10 mA at 6 MHz
10 μA sleep
In system reprogrammability:
Allows easy firmware update
GPIO ports
Up to 20 GPIO pins
2 mA source current on all GPIO pins. Configurable 8 or
50 mA/pin current sink on designated pins.
Each GPIO port supports high impedance inputs,
configurable pull-up, open drain output, CMOS/TTL inputs,
and CMOS output
Maskable interrupts on all I/O pins
A dedicated 3.3 V regulator for the USB PHY. Aids in signalling
and D– line pull-up
125 mA 3.3 V voltage regulator powers external 3.3 V devices
3.3 V I/O pins
4 I/O pins with 3.3 V logic levels
Each 3.3 V pin supports high impedance input, internal
pull-up, open drain output or traditional CMOS output
SPI serial communication
Master or slave operation
Configurable up to 4 Mbit/second transfers in the master
mode
Supports half duplex single data line mode for optical sensors
2-channel 8-bit or 1-channel 16-bit capture timer registers.
Capture timer registers store both rising and falling edge times.
Two registers each for two input pins
Separate registers for rising and falling edge capture
Simplifies the interface to RF inputs for wireless applications
Internal low power wakeup timer during suspend mode:
Periodic wakeup with no external components
12-bit Programmable Interval Timer with interrupts
Advanced development tools based on Cypress PSoC® tools
Watchdog timer (WDT)
Low-voltage detection with user configurable threshold
voltages
Operating voltage from 4.0 V to 5.5 V DC
Operating temperature from 0–70 °C
Available in 16 and 18-pin PDIP; 16, 18, and 24-pin SOIC;
24-pin QSOP, and 32-pin QFN packages
Industry standard programmer support
0.1 Applications
The CY7C63310/CY7C638xx is targeted for the following
applications:
PC HID devices
Mice (optomechanical, optical, trackball)
Gaming
Joysticks
Game pad
General purpose
Barcode scanners
POS terminal
Consumer electronics
Toys
Remote controls
Security dongles
[+] Feedback


Similar Part No. - CY7C63823-QXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63823-QXC CYPRESS-CY7C63823-QXC Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63823-QXC CYPRESS-CY7C63823-QXC Datasheet
1Mb / 83P
   enCoRe II Low Speed USB Peripheral Controller
CY7C63823-QXC CYPRESS-CY7C63823-QXC_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results

Similar Description - CY7C63823-QXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_08 Datasheet
1Mb / 83P
   enCoRe II Low Speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63722 CYPRESS-CY7C63722 Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com