Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

257-333Z123-8SE Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 257-333Z123-8SE
Description  Hermetic Jam Nut Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

257-333Z123-8SE Datasheet(HTML) 2 Page - Glenair, Inc.

  257-333Z123-8SE Datasheet HTML 1Page - Glenair, Inc. 257-333Z123-8SE Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
B-49
B
257-333
Hermetic Jam Nut Receptacle
with Crimp Removable Socket Contacts
MIL-DTL-38999 Series III Type
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
SHELL SIZE
CODE
A
THREAD
B
THREAD
C
THREAD
D
+/- .016
(MM)
E
+/-.004-.006
(MM)
9
A
.6250-.1P.3L-TS-2A
M17x1-6g 0.100R
M12x1-6g 0.100R
1.062 (2.70)
0.651 (1.65)
11
B
.7500-.1P.3L-TS-2A
M20x1-6g 0.100R
M15x1-6g 0.100R
1.252 (3.18)
0.751 (1.91)
13
C
.8750-.1P.3L-TS-2A
M25x1-6g 0.100R
M18x1-6g 0.100R
1.374 (3.49)
0.938 (2.38)
15
D
1.000-.1P.3L-TS-2A
M28x1-6g 0.100R
M22x1-6g 0.100R
1.500 (3.81)
1.062 (2.70)
17
E
1.1875-.1P.3L-TS-2A
M32x1-6g 0.100R
M25x1-6g 0.100R
1.626 (4.13)
1.187 (3.01)
19
F
1.250-.1P.3L-TS-2A
M35x1-6g 0.100R
M28x1-6g 0.100R
1.811 (4.60)
1.312 (3.33)
21
G
1.375-.1P.3L-TS-2A
M38x1-6g 0.100R
M31x1-6g 0.100R
1.937 (4.92)
1.437 (3.65)
23
H
1.500-.1P.3L-TS-2A
M41x1-6g 0.100R
M34x1-6g 0.100R
2.063 (5.24)
1.562 (3.97)
25
J
1.625-.1P.3L-TS-2A
M44x1-6g 0.100R
M37x1-6g 0.100R
2.189 (5.56)
1.687 (4.28)
APPLICATION NOTES
1.
Assembly to be identified with Glenair’s name and part number and
date code, space permitting.
2.
Material/finishes:
Shell Receptacle, Jam Nut – CRES Passivated (Z1), CRES/NI (Z1)
Pin Contact – alloy 52 / gold plated
Socket Contact – copper alloy / gold plated
Insulator – fused vitreous glass / N.A.
Insulators – high grade rigid dielectric
Seals—fluorosilicone / N.A.
Hermeticity— 1x10-7 cc/second
3.
Crimp removable socket contacts to conform to:
MIL-C-39029/57-358 – size 16;
MIL-C-39029/57-357 – size 20;
and MIL-C-39029/57-354 – size 22D (supplied loose)
Supply 1 extra contact for each size used.
Recommended Panel
Cut-Out
K DIA
N
TABLE I (CONTINUED):
CONNECTOR
DIMENSIONS
SHELL
SIZE
CODE
K DIA
±.005(0.1)
N
±.005(0.1)
B
.827(21.0)
.764(19.4)
C
1.012(25.7)
.950(24.1)
D
1.139(28.9) 1.079(27.4)
E
1.266(32.2) 1.203(30.6)
F
1.389(35.3) 1.328(33.7)
G
1.512(38.4) 1.454(36.9)
H
1.639(41.6) 1.575(40.0)
J
1.764(44.8) 1.704(43.3)
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second


Similar Part No. - 257-333Z123-8SE

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-333 GLENAIR-257-333 Datasheet
404Kb / 2P
   Hermetic Jam Nut Receptacle
257-333PA-8P GLENAIR-257-333PA-8P Datasheet
401Kb / 2P
   Hermetic Jam Nut Receptacle with Crimp Removable Socket Contacts
257-333PA-8S GLENAIR-257-333PA-8S Datasheet
401Kb / 2P
   Hermetic Jam Nut Receptacle with Crimp Removable Socket Contacts
257-333PB-8P GLENAIR-257-333PB-8P Datasheet
401Kb / 2P
   Hermetic Jam Nut Receptacle with Crimp Removable Socket Contacts
257-333PB-8S GLENAIR-257-333PB-8S Datasheet
401Kb / 2P
   Hermetic Jam Nut Receptacle with Crimp Removable Socket Contacts
More results

Similar Description - 257-333Z123-8SE

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-333 GLENAIR-257-333 Datasheet
404Kb / 2P
   Hermetic Jam Nut Receptacle
257-332 GLENAIR-257-332 Datasheet
286Kb / 2P
   Hermetic Jam Nut Receptacle
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
233-100-H7 GLENAIR-233-100-H7 Datasheet
149Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255_15 Datasheet
288Kb / 2P
   Jam Nut Mount Hermetic Receptacle
D38999-23 GLENAIR-D38999-23 Datasheet
203Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255 Datasheet
397Kb / 2P
   Jam Nut Mount Hermetic Receptacle
MS27477Y8D GLENAIR-MS27477Y8D Datasheet
446Kb / 2P
   Jam Nut Mount Hermetic Receptacle
D38999-43 GLENAIR-D38999-43 Datasheet
213Kb / 1P
   Jam Nut Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com