Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C5567AXI-019 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C5567AXI-019
Description  Programmable System-on-Chip (PSoC짰)
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5567AXI-019 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C5567AXI-019 Datasheet HTML 5Page - Cypress Semiconductor CY8C5567AXI-019 Datasheet HTML 6Page - Cypress Semiconductor CY8C5567AXI-019 Datasheet HTML 7Page - Cypress Semiconductor CY8C5567AXI-019 Datasheet HTML 8Page - Cypress Semiconductor CY8C5567AXI-019 Datasheet HTML 9Page - Cypress Semiconductor CY8C5567AXI-019 Datasheet HTML 10Page - Cypress Semiconductor CY8C5567AXI-019 Datasheet HTML 11Page - Cypress Semiconductor CY8C5567AXI-019 Datasheet HTML 12Page - Cypress Semiconductor CY8C5567AXI-019 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
PRELIMINARY
PSoC® 5: CY8C55 Family Datasheet
Document Number: 001-66235 Rev. **
Page 9 of 112
Figure 2-4. Example PCB Layout for 100-pin TQFP Part for Optimal Analog Performance
3. Pin Descriptions
IDAC0, IDAC1, IDAC2, IDAC3. Low-resistance output pin for
high-current DACs (IDAC).
OpAmp0out, OpAmp1out, OpAmp2out, OpAmp3out. High
current output of uncommitted opamp.[6]
Extref0, Extref1. External reference input to the analog system.
OpAmp0-, OpAmp1-, OpAmp2-, OpAmp3-. Inverting input to
uncommitted opamp.
OpAmp0+, OpAmp1+, OpAmp2+, OpAmp3+. Noninverting
input to uncommitted opamp.
GPIO. Provides interfaces to the CPU, digital peripherals,
analog peripherals, interrupts, LCD segment drive, and
CapSense.[6]
Ind. Inductor connection to boost pump.
kHz XTAL: Xo, kHz XTAL: Xi. 32.768 KHz crystal oscillator pin.
MHz XTAL: Xo, MHz XTAL: Xi. 4 to 25 MHz crystal oscillator
pin. If a crystal is not used, then Xi must be shorted to ground
and Xo must be left floating.
Notes
6. GPIOs with opamp outputs are not recommended for use with CapSense.
nTRST. Optional JTAG Test Reset programming and debug port
connection to reset the JTAG connection.
SIO. Provides interfaces to the CPU, digital peripherals and
interrupts with a programmable high threshold voltage, analog
comparator, high sink current, and high impedance state when
the device is unpowered.
SWDCK. SWD Clock programming and debug port connection.
SWDIO. SWD Input and Output programming and debug port
connection.
TCK. JTAG Test Clock programming and debug port connection.
TDI. JTAG Test Data In programming and debug port
connection.
TDO. JTAG Test Data Out programming and debug port
connection.
TMS. JTAG Test Mode Select programming and debug port
connection.
TRACECLK. Cortex-M3 TRACEPORT connection, clocks
TRACEDATA pins.
TRACEDATA[3:0]. Cortex-M3 TRACEPORT connections,
output data.
SWV. SWV output.
USBIO, D+. Provides D+ connection directly to a USB 2.0 bus.
May be used as a digital I/O pin; it is powered from VDDD instead
of from a VDDIO. Pins are Do Not Use (DNU) on devices without
USB.
USBIO, D-. Provides D- connection directly to a USB 2.0 bus.
May be used as a digital I/O pin; it is powered from VDDD instead
of from a VDDIO. Pins are Do Not Use (DNU) on devices without
USB.
VBOOST. Power sense connection to boost pump.
VBAT. Battery supply to boost pump.
VCCA. Output of analog core regulator and input to analog core.
Requires a 1 µF capacitor to VSSA. Regulator output not for
external use.
VCCD. Output of digital core regulator and input to digital core.
The two VCCD pins must be shorted together, with the trace
between them as short as possible, and a 1 µF capacitor to VSSD;
Vddd
Vssd
Vdda
Vssa
Vssd
Plane
Vssa
Plane
[+] Feedback
[+] Feedback
[+] Feedback


Similar Part No. - CY8C5567AXI-019

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C5567AXI-019 CYPRESS-CY8C5567AXI-019 Datasheet
4Mb / 114P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
More results

Similar Description - CY8C5567AXI-019

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com