Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20224-12LKXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C20224-12LKXI
Description  CapSense짰 PSoC짰 Programmable System-on-Chip?
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20224-12LKXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C20224-12LKXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20224-12LKXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20224-12LKXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20224-12LKXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20224-12LKXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20224-12LKXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20224-12LKXI Datasheet HTML 9Page - Cypress Semiconductor CY8C20224-12LKXI Datasheet HTML 10Page - Cypress Semiconductor CY8C20224-12LKXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
CY8C20224, CY8C20324
CY8C20424, CY8C20524
Document Number: 001-41947 Rev. *K
Page 7 of 40
Pinouts
This section describes, lists, and illustrates the CY8C20224, CY8C20324, CY8C20424, and CY8C20524 PSoC device pins and pinout
configurations.
The CY8C20x24 PSoC device is available in a variety of packages which are listed and illustrated in the following tables. Every port
pin (labeled with a “P”) is capable of digital I/O and connection to the common analog bus. However, VSS, VDD, and XRES are not
capable of Digital I/O.
16-pin Part Pinout
Figure 3. CY8C20224 16-pin PSoC Device
QF N
(T o p V iew )
AI, P2 [5 ]
A I, I2 C S C L , S P I S S , P 1 [7 ]
A I, I2 C SDA, S P I M ISO , P 1 [5 ]
1
2
3
4
11
10
9
P 0 [4 ], A I
P 1 [2 ], A I
AI, P2 [1 ]
P 1 [4 ], A I, E X T C L K
XRES
12
Table 1. 16-pin Part Pinout (COL)
Pin No.
Digital
Analog
Name
Description
1
I/O
I
P2[5]
2
I/O
I
P2[1]
3
IOH
I
P1[7]
I2C SCL, SPI SS
4
IOH
I
P1[5]
I2C SDA, SPI MISO
5
IOH
I
P1[3]
SPI CLK
6
IOH
I
P1[1]
CLK[1], I2C SCL, SPI MOSI
7
Power
VSS
Ground connection
8
IOH
I
P1[0]
DATA[1], I2C SDA
9
IOH
I
P1[2]
10
IOH
I
P1[4]
Optional external clock input (EXTCLK)
11
Input
XRES
Active high external reset with internal pull-down
12
I/O
I
P0[4]
13
Power
VDD
Supply voltage
14
I/O
I
P0[7]
15
I/O
I
P0[3]
Integrating input
16
I/O
I
P0[1]
Integrating input
A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive
Note
1. These are the ISSP pins, that are not high Z at POR (Power on reset). Refer the PSoC Programmable System-on-Chip Technical Reference Manual for details.
[+] Feedback


Similar Part No. - CY8C20224-12LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20224-12LKXI CYPRESS-CY8C20224-12LKXI Datasheet
1Mb / 34P
   CapSense PSoC Programmable System-on-Chip
CY8C20224-12LKXI CYPRESS-CY8C20224-12LKXI Datasheet
678Kb / 41P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C20224-12LKXIT CYPRESS-CY8C20224-12LKXIT Datasheet
1Mb / 34P
   CapSense PSoC Programmable System-on-Chip
CY8C20224-12LKXIT CYPRESS-CY8C20224-12LKXIT Datasheet
678Kb / 41P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20224-12LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20224 CYPRESS-CY8C20224_12 Datasheet
678Kb / 41P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com