Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C3866LTI-067 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C3866LTI-067
Description  Programmable System-on-Chip (PSoC짰)
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3866LTI-067 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C3866LTI-067 Datasheet HTML 1Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 2Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 3Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 4Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 5Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 6Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 7Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 8Page - Cypress Semiconductor CY8C3866LTI-067 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 3 of 129
1. Architectural Overview
Introducing the CY8C38 family of ultra low-power, flash Programmable System-on-Chip (PSoC®) devices, part of a scalable 8-bit
PSoC 3 and 32-bit PSoC 5 platform. The CY8C38 family provides configurable blocks of analog, digital, and interconnect circuitry
around a CPU subsystem. The combination of a CPU with a flexible analog subsystem, digital subsystem, routing, and I/O enables
a high level of integration in a wide variety of consumer, industrial, and medical applications.
Figure 1-1. Simplified Block Diagram
Figure 1-1 illustrates the major components of the CY8C38
family. They are:
8051 CPU subsystem
Nonvolatile subsystem
Programming, debug, and test subsystem
Inputs and outputs
Clocking
Power
Digital subsystem
Analog subsystem
PSoC’s digital subsystem provides half of its unique
configurability. It connects a digital signal from any peripheral to
any pin through the digital system interconnect (DSI). It also
provides functional flexibility through an array of small, fast,
low-power UDBs. PSoC Creator provides a library of prebuilt and
tested standard digital peripherals (UART, SPI, LIN, PRS, CRC,
timer, counter, PWM, AND, OR, and so on) that are mapped to
the UDB array. You can also easily create a digital circuit using
boolean primitives by means of graphical design entry. Each
UDB contains programmable array logic (PAL)/programmable
logic device (PLD) functionality, together with a small state
machine engine to support a wide variety of peripherals.
In addition to the flexibility of the UDB array, PSoC also provides
configurable digital blocks targeted at specific functions. For the
CY8C38 family these blocks can include four 16-bit timers,
counters, and PWM blocks; I2C slave, master, and multimaster;
FS USB; and Full CAN 2.0b.
Digital
Filter
Block
Analog System
LCD Direct
Drive
CapSense
Temperature
Sensor
4 x
Opamp
+
-
ADC
4 x DAC
1 x
Del Sig
ADC
4 x SC/CT Blocks
(TIA, PGA, Mixer etc)
4 x
CMP
+
-
CAN
2.0
I 2C
Master/
Slave
Universal Digital Block Array (24x UDB)
4 x
Timer
Counter
PWM
FS USB
2.0
System Wide
Resources
Digital System
Program
Debug &
Trace
Boundary
Scan
Program &
Debug
8051or
Cortex M3CPU
Interrupt
Controller
PHUB
DMA
SRAM
FLASH
EEPROM
EMIF
CPU System
Memory System
System Bus
Digital Interconnect
Analog Interconnect
0.5
to 5.5 V
( Optional)
425 MHz
(Optional)
Xtal
Osc
32.768 KHz
( Optional)
RTC
Timer
IMO
WDT
and
Wake
ILO
Clocking System
1.8V LDO
SMP
POR and
LVD
Sleep
Power
Power Management
System
USB
PHY
3 per
Opamp
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UART
Logic
12- bit PWM
I
2C Slave
8-bit SPI
12-bit SPI
Logic
8-bit
Timer
16-bit PRS
UDB
8-bit
Timer
Quadrature Decoder
16-bit
PWM
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
22
Ω
V
to
[+] Feedback


Similar Part No. - CY8C3866LTI-067

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3866LTI-067 CYPRESS-CY8C3866LTI-067 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
CY8C3866LTI-067 CYPRESS-CY8C3866LTI-067 Datasheet
4Mb / 130P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
CY8C3866LTI-067 CYPRESS-CY8C3866LTI-067 Datasheet
4Mb / 129P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C3866LTI-067

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com