Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC841HBC5 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC841HBC5
Description  Comparator with 1.25% Reference and Adjustable Hysteresis
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC841HBC5 Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC841HBC5 Datasheet HTML 1Page - Micrel Semiconductor MIC841HBC5 Datasheet HTML 2Page - Micrel Semiconductor MIC841HBC5 Datasheet HTML 3Page - Micrel Semiconductor MIC841HBC5 Datasheet HTML 4Page - Micrel Semiconductor MIC841HBC5 Datasheet HTML 5Page - Micrel Semiconductor MIC841HBC5 Datasheet HTML 6Page - Micrel Semiconductor MIC841HBC5 Datasheet HTML 7Page - Micrel Semiconductor MIC841HBC5 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Micrel, Inc.
MIC841/2
March 2011
7
M9999-030811-B
VIN
OUT
VIN(LO)
0V
0V
VIN(HI)
OUT
0V
H AND N VERSIONS
L VERSION
VHYSTERISIS
Figure 2. Output Response and Hysteresis
Programming the MIC842 Thresholds
The voltage threshold is calculated using:
+
2
R
2
R
1
R
V
V
REF
)
LO
(
IN
where:
VREF = 1.240V
Figure 3. MIC842 Example Circuit
In order to provide the additional criteria needed to solve
for the resistor values, the resistors can be selected
such that they have a given total value, that is, R1 + R2
= RTOTAL. A value such as 1MΩ for RTOTAL is a
reasonable value because it draws minimum current but
has no significant effect on accuracy.
Input Transients
The MIC841/2 is inherently immune to very short
negative-going “glitches.” Very brief transients may
exceed the VIN(LO) threshold without tripping the output.
As shown in Figure 4, the narrower the transient, the
deeper the threshold overdrive that will be ignored by the
MIC841/2. The graph represents the typical allowable
transient duration for a given amount of threshold
overdrive that will not generate an output.
Figure 4. Input Transient Response


Similar Part No. - MIC841HBC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC841HBC5 MICREL-MIC841HBC5 Datasheet
62Kb / 8P
   Comparator with Reference
MIC841HBC5 MICREL-MIC841HBC5 Datasheet
485Kb / 8P
   Comparator with Reference
MIC841HBC5 MICREL-MIC841HBC5 Datasheet
321Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
More results

Similar Description - MIC841HBC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_15 Datasheet
850Kb / 11P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841_1104 MICREL-MIC841_1104 Datasheet
321Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LM615 NSC-LM615 Datasheet
298Kb / 14P
   LM615 Quad Comparator and Adjustable Reference
logo
Analog Devices
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
   Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com