Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC811RU Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC811RU
Description  Microprocessor Reset Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC811RU Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC811RU Datasheet HTML 1Page - Micrel Semiconductor MIC811RU Datasheet HTML 2Page - Micrel Semiconductor MIC811RU Datasheet HTML 3Page - Micrel Semiconductor MIC811RU Datasheet HTML 4Page - Micrel Semiconductor MIC811RU Datasheet HTML 5Page - Micrel Semiconductor MIC811RU Datasheet HTML 6Page - Micrel Semiconductor MIC811RU Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MIC811/812
Micrel
MIC811/812
2
September 2005
Ordering Information
Part Number
Marking
Threshold
Voltage
Operating Temp.
Range
Package
Standard
Pb-Free
Standard
Pb-Free
MIC811LU
MIC811LUY
KL
KL
4.63
–40°C to +85°C
4-lead SOT-143
MIC811MU
MIC811MUY
KM
KM
4.38
–40°C to +85°C
4-lead SOT-143
MIC811JU
MIC811JUY
KJ
KJ
4.00
–40°C to +85°C
4-lead SOT-143
MIC811TU
MIC811TUY
KT
KT
3.08
–40°C to +85°C
4-lead SOT-143
MIC811SU
MIC811SUY
KS
KS
2.93
–40°C to +85°C
4-lead SOT-143
MIC811RU
MIC811RUY
KR
KR
2.63
–40°C to +85°C
4-lead SOT-143
MIC812LU
MIC812LUY
LL
LL
4.63
–40°C to +85°C
4-lead SOT-143
MIC812MU
MIC812MUY
LM
LM
4.38
–40°C to +85°C
4-lead SOT-143
MIC812JU
MIC812JUY
LJ
LJ
4.00
–40°C to +85°C
4-lead SOT-143
MIC812TU
MIC812TUY
LT
LT
3.08
–40°C to +85°C
4-lead SOT-143
MIC812SU
MIC812SUY
LS
LS
2.93
–40°C to +85°C
4-lead SOT-143
MIC812RU
MIC812RUY
LR
LR
2.63
–40°C to +85°C
4-lead SOT-143


Similar Part No. - MIC811RU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC811RU MICREL-MIC811RU Datasheet
269Kb / 7P
   Microprocessor Reset Circuits
MIC811RUY MICREL-MIC811RUY Datasheet
227Kb / 7P
   Microprocessor Reset Circuits
logo
Microchip Technology
MIC811RUY-TR MICROCHIP-MIC811RUY-TR Datasheet
849Kb / 16P
   Microprocessor Reset Circuits
Revision A (May 2022)
More results

Similar Description - MIC811RU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com