Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC845HBC5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC845HBC5
Description  Micro-Power Comparator Battery Monitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC845HBC5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC845HBC5 Datasheet HTML 1Page - Micrel Semiconductor MIC845HBC5 Datasheet HTML 2Page - Micrel Semiconductor MIC845HBC5 Datasheet HTML 3Page - Micrel Semiconductor MIC845HBC5 Datasheet HTML 4Page - Micrel Semiconductor MIC845HBC5 Datasheet HTML 5Page - Micrel Semiconductor MIC845HBC5 Datasheet HTML 6Page - Micrel Semiconductor MIC845HBC5 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Micrel, Inc.
MIC845
July 2005
4
M9999-070505
(408) 955-1690
Typical Characteristics
-200
0
200
400
600
800
-40 -20
0
20
40
60
80
TEMPERATURE (°C)
IDD vs. Temperature
VDD = 4.5V
VIN = 0V
VDD = 0V
VIN = 4.5V
-2000
-1500
-1000
-500
0
500
1000
1500
-40 -20
0
20
40
60
80
TEMPERATURE (°C)
IIN vs. Temperature
VDD = 0V
VIN = 4.5V
VDD = 4.5V
VIN = 0V
-200
0
200
400
600
800
1000
1200
-40 -20
0
20
40
60
80
TEMPERATURE (°C)
IDD vs. Temperature
VDD = 3V
VIN = 4.2V
VDD = 0V
VIN = 4.2V
-200
0
200
400
600
800
-40 -20
0
20
40
60
80
TEMPERATURE (°C)
IIN vs. Temperature
VDD = 0V
VIN = 4.2V
VDD = 3V
VIN = 4.2V


Similar Part No. - MIC845HBC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC845HBC5 MICREL-MIC845HBC5 Datasheet
137Kb / 7P
   Micro-Power Comparator/ Battery Monitor
More results

Similar Description - MIC845HBC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC845 MICREL-MIC845 Datasheet
137Kb / 7P
   Micro-Power Comparator/ Battery Monitor
logo
National Semiconductor ...
LM1801 NSC-LM1801 Datasheet
235Kb / 8P
   BATTERY OPERATED POWER COMPARATOR
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
   Battery Monitor
2004
logo
Shanghai Consonance Ele...
CN301 CONSONANCE-CN301 Datasheet
246Kb / 9P
   Ultra Low Power Battery Monitor
logo
Shenzhen Huazhimei Semi...
HM6100 HMSEMI-HM6100 Datasheet
454Kb / 6P
   Ultra Low Power Battery Monitor
logo
Dallas Semiconductor
DS2438 DALLAS-DS2438 Datasheet
351Kb / 29P
   Smart Battery Monitor
logo
Maxim Integrated Produc...
DS2438 MAXIM-DS2438 Datasheet
389Kb / 29P
   Smart Battery Monitor
070605
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
   Multicell Battery Monitor
logo
Maxim Integrated Produc...
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
   Smart Battery Monitor
070600
logo
ON Semiconductor
ENA2173 ONSEMI-ENA2173 Datasheet
201Kb / 10P
   Battery Monitor IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com