Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2287C Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2287C
Description  1.2MHz PWM White LED Driver with OVP in 2mm2mm MLF and Thin SOT-23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2287C Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2287C_11 Datasheet HTML 1Page - Micrel Semiconductor MIC2287C_11 Datasheet HTML 2Page - Micrel Semiconductor MIC2287C_11 Datasheet HTML 3Page - Micrel Semiconductor MIC2287C_11 Datasheet HTML 4Page - Micrel Semiconductor MIC2287C_11 Datasheet HTML 5Page - Micrel Semiconductor MIC2287C_11 Datasheet HTML 6Page - Micrel Semiconductor MIC2287C_11 Datasheet HTML 7Page - Micrel Semiconductor MIC2287C_11 Datasheet HTML 8Page - Micrel Semiconductor MIC2287C_11 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
February 2006
3
M0510-020906
MIC2287C
Micrel
Absolute Maximum Ratings(1)
Supply Voltage (VIN) .....................................................12V
Switch Voltage (VSW) ......................................–0.3V to 37V
Enable Pin Voltage (VEN) ................................... –0.3 to VIN
FB Voltage (VFB) .............................................................6V
Switch Current (ISW)........................................................ 2A
Ambient Storage Temperature (TS).......... –65°C to +150°C
ESD Rating(3) ............................................................... 2kV
Operating Ratings(2)
Supply Voltage (VIN)..........................................2.5V to 10V
Junction Temperature Range (TJ) ............ –40°C to +105°C
Package Thermal Impedance
2mm × 2mmMLF™ (θJA) .....................................93°C/W
Thin SOT-23-5 (θJA) .........................................256°C/W
Electrical Characteristics(4)
TA = 25°C, VIN = VEN = 3.6V, VOUT = 10V, IOUT = 10mA, unless otherwise noted. Bold values indicate –40°C < TJ < 105°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.5
10
V
VUVLO
Under Voltage Lockout
1.8
2.1
2.4
V
IVIN
Quiescent Current
VFB > 200mV, (not switching)
2.5
5
mA
ISD
Shutdown Current
VEN = 0V(5)
0.1
1
µA
VFB
Feedback Voltage
(±10%)
85
95
105
mV
IFB
Feedback Input Current
VFB = 95mV
–450
nA
Line Regulation(6)
3V ≤ VIN ≤ 5V
0.5
%
Load Regulation(6)
5mA ≤ IOUT ≤ 20mA
0.5
%
DMAX
Maximum Duty Cycle
85
90
%
ISW
Switch Current Limit
750
mA
VSW
Switch Saturation Voltage
ISW = 0.5A
450
mV
ISW
Switch Leakage Current
VEN = 0V, VSW = 10V
0.01
5
µA
VEN
Enable Threshold
TURN ON
1.5
V
TURN OFF
0.4
V
IEN
Enable Pin Current
VEN = 10V
20
40
µA
fSW
Oscillator Frequency
1.05
1.2
1.35
MHz
VOVP
Overvoltage Protection
MIC2287CBML- 15 only
11.5
14
16.5
V
MIC2287CBML- 24 only
19
22.5
26
V
MIC2287CBML- 34 only
27
32
37
V
TJ
Overtemperature
150
°C
Threshold Shutdown
Hysteresis
10
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max),
the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive
die temperature, and the regulator will go into thermal shutdown.
2. This device is not guaranteed to operate beyond its specified operating ratings.
3. Devices are inherently ESD sensitive. Handling precautions required. Human body model.
4. Specification for packaged product only.
5. ISD = IVIN.
6. Guaranteed by design


Similar Part No. - MIC2287C_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2287C-15BML MICREL-MIC2287C-15BML Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C-15BML MICREL-MIC2287C-15BML Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C-15YML MICREL-MIC2287C-15YML Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C-15YML MICREL-MIC2287C-15YML Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results

Similar Description - MIC2287C_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287CYD5TR MICREL-MIC2287CYD5TR Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2288 MICREL-MIC2288_05 Datasheet
253Kb / 11P
   1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com