Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2289 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2289
Description  White LED Driver Internal Schottky Diode and OVP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2289 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2289 Datasheet HTML 2Page - Micrel Semiconductor MIC2289 Datasheet HTML 3Page - Micrel Semiconductor MIC2289 Datasheet HTML 4Page - Micrel Semiconductor MIC2289 Datasheet HTML 5Page - Micrel Semiconductor MIC2289 Datasheet HTML 6Page - Micrel Semiconductor MIC2289 Datasheet HTML 7Page - Micrel Semiconductor MIC2289 Datasheet HTML 8Page - Micrel Semiconductor MIC2289 Datasheet HTML 9Page - Micrel Semiconductor MIC2289 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
MIC2289
July 2007
7
M9999-071007
Dimming Control
There are two techniques for dimming control. One is
PWM dimming, and the other is continuous dimming.
1. PWM dimming control is implemented by
applying a PWM signal on EN pin as shown in
Figure 1. The MIC2289 is turned on and off by
the PWM signal. With this method, the LEDs
operate with either zero or full current. The
average LED current is increased proportionally
to the duty-cycle of the PWM signal. This
technique has high-efficiency because the IC
and the LEDs consume no current during the off
cycle of the PWM signal. Typical frequency
should be between 100Hz and 10kHz.
2. Continuous dimming control is implemented by
applying a DC control voltage to the FB pin of
the MIC2289 through a series resistor as shown
in Figure 2. The LED current is decreased
proportionally with the amplitude of the control
voltage. The LED intensity (current) can be
dynamically varied applying a DC voltage to the
FB pin. The DC voltage can come from a DAC
signal, or a filtered PWM signal. The advantage
of this approach is that a high frequency PWM
signal (>10kHz) can be used to control LED
intensity.
PWM
VIN
EN
SW
FB
OUT
GND
VIN
Figure 1. PWM Dimming Method
VIN
EN
SW
FB
OUT
5.11k
49.9k
GND
DC
VIN
Equivalent
Figure 2. Continuous Dimming
Open-Circuit Protection
If the LEDs are disconnected from the circuit, or in case
an LED fails open, the sense resistor will pull the FB pin
to ground. This will cause the MIC2289 to switch with a
high duty-cycle, resulting in output overvoltage. This may
cause the SW pin voltage to exceed its maximum
voltage rating, possibly damaging the IC and the
external components. To ensure the highest level of
protection, the MIC2289 has 3 product options in the
2mm × 2mm MLF
®-8 with overvoltage protection, OVP.
The extra pins of the 2mm × 2mm MLF
®-8 package
allow a dedicated OVP monitor with options for 15V,
24V, or 34V (see Figure 3). The reason for the three
OVP levels is to let users choose the suitable level of
OVP for their application. For example, a 3-LED
application would typically see an output voltage of no
more than 12V, so a 15V OVP option would offer a
suitable level of protection. This allows the user to select
the output diode and capacitor with the lowest voltage
ratings, therefore smallest size and lowest cost. The
OVP will clamp the output voltage to within the specified
limits.
VIN
EN
GND
SW
FB
OUT
VIN
Figure 3. OVP Circuit
Start-Up and Inrush Current
During start-up, inrush current of approximately double
the nominal current flows to set up the inductor current
and the voltage on the output capacitor. If the inrush
current needs to be limited, a soft-start circuit similar to
Figure 4 could be implemented. The soft-start capacitor,
CSS, provides over-drive to the FB pin at start-up,
resulting in gradual increase of switch duty cycle and
limited inrush current.
VIN
EN
10k
2200pF
SW
OUT
FB
CSS
R
GND
VIN
Figure 4. One of Soft-Start Circuit


Similar Part No. - MIC2289

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2289-15BML MICREL-MIC2289-15BML Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2289-15YML MICREL-MIC2289-15YML Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2289-24BML MICREL-MIC2289-24BML Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2289-24YML MICREL-MIC2289-24YML Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
More results

Similar Description - MIC2289

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289C MICREL-MIC2289C_07 Datasheet
251Kb / 9P
   White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
   White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C Datasheet
273Kb / 10P
   White LED Driver Internal Schottky Diode and OVP
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292_11 Datasheet
349Kb / 10P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292C MICREL-MIC2292C Datasheet
228Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292_05 Datasheet
377Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
MIC2292 MICREL-MIC2292 Datasheet
78Kb / 9P
   High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP
logo
Gamma Microelectronics ...
GM19371 GAMMA-GM19371 Datasheet
171Kb / 10P
   BOOST WHITE LED DRIVER WITH OVP
logo
Micrel Semiconductor
MIC3291 MICREL-MIC3291 Datasheet
830Kb / 17P
   1.2MHz PWM White LED Driver with Internal Schottky Diode and Single-Wire Linear Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com