Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC99012A-S Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC99012A-S
Description  Black-and-White CCD Timing Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC99012A-S Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC99012A-S Datasheet HTML 1Page - Sanyo Semicon Device LC99012A-S Datasheet HTML 2Page - Sanyo Semicon Device LC99012A-S Datasheet HTML 3Page - Sanyo Semicon Device LC99012A-S Datasheet HTML 4Page - Sanyo Semicon Device LC99012A-S Datasheet HTML 5Page - Sanyo Semicon Device LC99012A-S Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
Absolute Maximum Ratings at VSS = 0 V
Note: * Per individual I/O reference cell
Allowable Operating Ranges at Ta = –30 to +65°C, VSS = 0 V
DC Characteristics: Input and Output Levels at VSS = 0 V, VDD = 4.5 to 5.5 V, Ta = –30 to +65°C
See the note on next page.
No. 5281-2/6
LC99012A-S
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +7.0
V
Input and output voltages
VI, VO
–0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 65°C
290
mW
Operating temperature
Topr
–30 to +65
°C
Storage temperature
Tstg
–55 to +125
°C
Soldering heat resistance
Hand soldering: 3 seconds
350
°C
Reflow soldering: 10 seconds
235
°C
Input and output currents
II, IO
±20*
mA
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
4.5
5.0
5.5
V
Input voltage range
VIN
0
VDD
V
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high-level voltage
VIH1
TTL levels: (6)
2.2
V
Input low-level voltage
VIL1
TTL levels: (6)
0.8
V
Input high-level voltage
VIH2
CMOS levels: (1), (3)
0.7 VDD
V
Input low-level voltage
VIL2
CMOS levels: (1), (3)
0.3 VDD
V
Input high-level voltage
VIH3
CMOS levels, Schmitt inputs: (4)
0.8 VDD
V
Input low-level voltage
VIL3
CMOS levels, Schmitt inputs: (4)
0.2 VDD
V
Input high-level voltage
VIH4
CMOS levels, inputs with pull-up resistors: (2)
0.7 VDD
V
Input low-level voltage
VIL4
CMOS levels, inputs with pull-up resistors: (2)
0.3 VDD
V
Input high-level voltage
VIH5
CMOS levels, inputs with pull-up resistors: (5)
0.7 VDD
V
Input low-level voltage
VIL5
CMOS levels, inputs with pull-up resistors: (5)
0.3 VDD
V
Output high-level voltage
VOH1
IOH = –3 mA: (6), (13), (14), (15)
VSS – 2.1
V
Output low-level voltage
VOL1
IOL = 3 mA: (6), (13), (14), (15)
0.4
V
Output low-level voltage
VOL2
IOL = 3 mA: (9)
0.4
V
Output high-level voltage
VOH3
IOH = –6 mA: (12)
VDD – 2.1
V
Output low-level voltage
VOL3
IOL = 6 mA: (12)
0.4
V
Output high-level voltage
VOH4
IOH = –6 mA: (7)
VDD – 2.1
V
Output low-level voltage
VOL4
IOL = 2 mA: (7)
0.4
V
Output high-level voltage
VOH5
IOH = –30 mA: (11)
VDD – 2.1
V
Output low-level voltage
VOL5
IOL = 10 mA: (11)
0.4
V
Output high-level voltage
VOH6
IOH = –12 mA: (8)
VDD – 2.1
V
Output low-level voltage
VOL6
IOL = 12 mA: (8)
0.4
V
Output high-level voltage
VOH6
IOH = –12 mA: (10)
VDD – 1.5
V
Output low-level voltage
VOL7
IOL = 6 mA: (8)
0.4
V
Input leakage current
IIL
VI = VSS, VDD: (1), (3), (4), (6)
–10
+10
µA
Output leakage current
IOZ
In high-impedance output mode: (6), (9), (13)
–10
+10
µA
Pull-up resistance
RUP
(2)
10
20
40
k
Pull-down resistance
RDN
(5)
25
50
100
k


Similar Part No. - LC99012A-S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC99052-V64A SANYO-LC99052-V64A Datasheet
200Kb / 8P
   Image Sensor Control LSI
LC99053 SANYO-LC99053 Datasheet
94Kb / 14P
   CMOS LSI
LC99062-W50 SANYO-LC99062-W50 Datasheet
184Kb / 7P
   Image Sensor Signal Processing LSI?
LC99063-LF2 SANYO-LC99063-LF2 Datasheet
121Kb / 8P
   CCD Digital Signal Processing IC
LC9907 SANYO-LC9907 Datasheet
336Kb / 17P
   Timing Generator for Solid-State Imager
More results

Similar Description - LC99012A-S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
   CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
   CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
   CCD Camera Timing Generator
CXD1254AR SONY-CXD1254AR Datasheet
826Kb / 21P
   CCD Camera Synchronization and Timing Signal Generator
logo
Sharp Corporation
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
   Timing Pulse Generator LSI for CCD
LZ93N61 SHARP-LZ93N61 Datasheet
267Kb / 5P
   Timing Pulse Generator LSI for CCD
logo
Samsung semiconductor
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
   TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Analog Devices
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
logo
Samsung semiconductor
KS7212 SAMSUNG-KS7212 Datasheet
201Kb / 18P
   TIMING & SYNC. GENERATOR FOR B/W CCD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com