Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2342-3YTQ Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2342-3YTQ
Description  Dual-Slot PCI Express짰 Hot-Plug Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2342-3YTQ Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2342-3YTQ Datasheet HTML 1Page - Micrel Semiconductor MIC2342-3YTQ Datasheet HTML 2Page - Micrel Semiconductor MIC2342-3YTQ Datasheet HTML 3Page - Micrel Semiconductor MIC2342-3YTQ Datasheet HTML 4Page - Micrel Semiconductor MIC2342-3YTQ Datasheet HTML 5Page - Micrel Semiconductor MIC2342-3YTQ Datasheet HTML 6Page - Micrel Semiconductor MIC2342-3YTQ Datasheet HTML 7Page - Micrel Semiconductor MIC2342-3YTQ Datasheet HTML 8Page - Micrel Semiconductor MIC2342-3YTQ Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Micrel, Inc.
MIC2342/2342R
June 2008
5
M9999-062008-B
Pin Description
Pin Number
Pin Name
Pin Function
5
32
12VINA
12VINB
12V Supply Power and Sense Inputs [A/B]: Two pins are provided for Kelvin
connection (one for each slot). Pin 5 is the (+) Kelvin-sense connection to the
supply side of the sense resistor for 12V Slot A. Pin 32 is the (+) Kelvin-sense
connection to the supply side of the sense resistor for 12V Slot B. These two
pins must ultimately connect to each other as close as possible at the MIC2342
controller in order to eliminate any IR drop between these pins. An undervoltage
lockout circuit (UVLO) prevents the switches from turning on while this input is
lower than its lockout threshold voltage.
12
25
3VINA
3VINB
3.3V Supply Power and Sense Inputs [A/B]: Two pins are provided for
connection (one for each slot). Pin 12 is the (+) Kelvin-sense connection to the
supply side of the sense resistor for 3V Slot A. Pin 25 is the (+) Kelvin-sense
connection to the supply side of the sense resistor for 3V Slot B. These two pins
must ultimately connect to each other as close as possible at the MIC2342
controller in order to eliminate any IR drop between these pins. An undervoltage
lockout circuit (UVLO) prevents the switches from turning on while this input is
lower than its lockout threshold voltage.
16
21
3VOUTA
3VOUTB
3.3V Power-Good Sense Inputs: Connect to 3.3V[A/B] outputs. Used to monitor
the 3.3V output voltages for 3.3V Output Power-is-Good status.
10
27
12VOUTA
12VOUTB
12V Power-Good Sense Inputs: Connect to 12V[A/B] outputs. Used to monitor
the 12V output voltages for 12V Output Power-is-Good status.
8
29
12VSENSEA
12VSENSEB
12V Circuit Breaker Sense Input [A/B]: The current limit thresholds are set by
connecting sense resistors between these pins and 12VIN[A/B]. When the 12V
primary overcurrent detector current-limit threshold of 50mV is reached, the
12VGATE[A/B] pin is modulated to maintain a constant voltage across the sense
resistor and therefore a constant current into the load. If the 50mV threshold is
exceeded for tFLT or tDFLT (whichever is shorter), the circuit breaker is tripped and
the corresponding 12VGATE pin for the affected slot is immediately pulled up to
its corresponding 12VIN to turn OFF the external MOSFET.
13
24
3VSENSEA
3VSENSEB
3V Circuit Breaker Sense Input [A/B]: The current limit thresholds are set by
connecting sense resistors between these pins and 3VIN[A/B]. When the 3V
primary overcurrent detector current-limit threshold of 50mV is reached, the
3VGATE[A/B] pin is modulated to maintain a constant voltage across the sense
resistor and therefore a constant current into the load. If the 50mV threshold is
exceeded for tFLT or tDFLT (whichever is shorter), the circuit breaker is tripped and
the corresponding 3VGATE pin for the affected slot is immediately pulled down
to AGND to turn OFF the external MOSFET.
3
24
12VGATEA
12VGATEB
12V Gate Drive Outputs [A/B]: Each pin connects to the gate of an external P-
channel power MOSFET. During power-up, the external CGATE (if used) and the
CGS of the external MOSFETs are connected to a 25µA current sink. This
controls the value of dv/dt seen at the source of the MOSFETs, and hence the
current flowing into the 12V load capacitance.
During current limit events, the voltage at this pin is adjusted to maintain
constant current through the FET for a period of tFLT or tDFLT (whichever is
shorter). Whenever an overcurrent, thermal shutdown, or input undervoltage
fault condition occurs, the corresponding 12VGATE pin for the affected slot is
pulled up to its corresponding 12VIN pin to turn OFF the external MOSFET.


Similar Part No. - MIC2342-3YTQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341R MICREL-MIC2341R Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
   3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23450-AAAYML MICREL-MIC23450-AAAYML Datasheet
1Mb / 22P
   3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23450-AAAYML MICREL-MIC23450-AAAYML Datasheet
1Mb / 22P
   3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
More results

Similar Description - MIC2342-3YTQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com