Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

890-012 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 890-012
Description  Nanominiature Connectors Single Row Right Angle Surface Mount PCB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

890-012 Datasheet(HTML) 1 Page - Glenair, Inc.

  890-012 Datasheet HTML 1Page - Glenair, Inc. 890-012 Datasheet HTML 2Page - Glenair, Inc. 890-012 Datasheet HTML 3Page - Glenair, Inc. 890-012 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
31
E-Mail: sales@glenair.com
HOW TO ORDER RIGHT ANGLE SMT PCB CONNECTORS
Series
Insert
Arrangement/
Contact Type
Shell Material and
Finish
Termination Type
Hardware
890-012
Plug, Pin Contacts, Single
Row, Right Angle SMT
Nanominiature
890-013
Receptacle, Socket
Contacts, Single Row, Right
Angle SMT Nanominiature
Plugs (890-012)
9P
15P
21P
25P
31P
37P
51P
Receptacles (890-013)
9S
15S
21S
25S
31S
37S
51S
A1
Aluminum Shell, Cadmium
Plating
A2
Aluminum Shell, Electroless
Nickel Plating
T
Titanium Shell, Unplated
S
Stainless Steel Shell,
Passivated
BRS
”Board Right Angle Surface
Mount”
T
#0-80
Female Thread
Sample Part Number
890-012
– 51P
T
– BRS
T
Right Angle SMT PCB Nano Connectors feature gold
alloy TwistPin contacts. These nanomimiature connectors
offer premium performance and reliability for demanding
applications. Available with #0-80 female threads, or with
jackscrews for use with flexible circuits.
Pre-Tinned PC Tails are coated with Sn63Pb37 tin-lead for
excellent solderability.
Choose Aluminum, Titanium or Stainless Steel Shells
in seven layouts from 9 to 51 contacts. Complies to the
requirements of MIL-DTL-32139. These connectors are
intermateable with any corresponding Glenair Series
890 single row metal shell nanominiature connector.
890-012 and -013
Series 89 Nanominiature Connectors
Single Row Right Angle Surface Mount PCB
SPECIFICATIONS
Durability
200 Cycles Minimum
Current Rating
1 AMP Maximum
Voltage Rating (DWV)
300 VAC RMS Sea Level
Insulation Resistance
5000 Megohms Minimum
Operating Temperature
-55° C. to +125° C.
Contact Resistance
71 mV. @1 AMP #30 AWG Wire
Thermal Vacuum Outgassing
1.0% Max TML, 0.1% Max VCM
MATERIALS AND FINISHES
Connector Shell
See Ordering Information
Insulator
Liquid Crystal Polymer (LCP),30% Glass-Filled
Contacts
Gold Alloy, Unplated
Hardware
300 Series Stainless Steel
PC Tails
#30 (.010 Dia.) Copper Wire, Solder Dipped
PCB Trays
Liquid Crystal Polymer (LCP) or Epoxy
Encapsulant
Epoxy


Similar Part No. - 890-012

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
890-010 GLENAIR-890-010 Datasheet
70Kb / 4P
   Nanominiature Connectors Single Row Vertical Surface Mount PCB
890-010-15PA1-BSST GLENAIR-890-010-15PA1-BSST Datasheet
70Kb / 4P
   Nanominiature Connectors Single Row Vertical Surface Mount PCB
890-010-15PA2-BSST GLENAIR-890-010-15PA2-BSST Datasheet
70Kb / 4P
   Nanominiature Connectors Single Row Vertical Surface Mount PCB
890-010-15PS-BSST GLENAIR-890-010-15PS-BSST Datasheet
70Kb / 4P
   Nanominiature Connectors Single Row Vertical Surface Mount PCB
890-010-15PT-BSST GLENAIR-890-010-15PT-BSST Datasheet
70Kb / 4P
   Nanominiature Connectors Single Row Vertical Surface Mount PCB
More results

Similar Description - 890-012

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
890-010 GLENAIR-890-010 Datasheet
70Kb / 4P
   Nanominiature Connectors Single Row Vertical Surface Mount PCB
891-012 GLENAIR-891-012 Datasheet
81Kb / 4P
   Nanominiature Connectors Double Row Right Angle Surface Mount
890-008 GLENAIR-890-008 Datasheet
77Kb / 4P
   Nanominiature Connectors Single Row Right Angle Printed Circuit Board
891-010 GLENAIR-891-010 Datasheet
70Kb / 4P
   Nanominiature Connectors Double Row Vertical Surface Mount
891-014-9PA1 GLENAIR-891-014-9PA1 Datasheet
178Kb / 4P
   Nanominiature Connectors Straddle Mount
M32139-01-A01SCS GLENAIR-M32139-01-A01SCS Datasheet
426Kb / 2P
   Nanominiature Connectors
890-006 GLENAIR-890-006 Datasheet
181Kb / 4P
   Nanominiature Connectors Single Row Vertical Mount Printed Circuit Board
M32139-03-A01SCS GLENAIR-M32139-03-A01SCS Datasheet
266Kb / 2P
   Nanominiature Connectors
logo
LUMEX INC.
SMF-H1352GD-TR LUMEX-SMF-H1352GD-TR Datasheet
116Kb / 2P
   PCB RIGHT ANGLE Surface Mount
SMF-H1352YD-TR LUMEX-SMF-H1352YD-TR Datasheet
116Kb / 2P
   PCB RIGHT ANGLE Surface Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com