Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

890-010-51PA2-BSST Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 890-010-51PA2-BSST
Description  Nanominiature Connectors Single Row Vertical Surface Mount PCB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

890-010-51PA2-BSST Datasheet(HTML) 3 Page - Glenair, Inc.

  890-010-51PA2-BSST Datasheet HTML 1Page - Glenair, Inc. 890-010-51PA2-BSST Datasheet HTML 2Page - Glenair, Inc. 890-010-51PA2-BSST Datasheet HTML 3Page - Glenair, Inc. 890-010-51PA2-BSST Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
29
E-Mail: sales@glenair.com
890-010 and -011
Series 89 Nanominiature Connectors
Single Row Vertical Mount SMT
Pin #1
.050 (1.27) TYP
.025 (0.64) TYP
.0975 (2.48)
.083 (2.11)
.083 (2.11)
.395(10.03)
.070 (1.78) 2 PLCS
1
3
5
7
2
4
6
8
9
.050 (1.27) TYP
.025 (0.64) TYP
.0975 (2.48)
.083 (2.11)
.083 (2.11)
.545 (13.84)
.070 (1.78) 2 PLCS
1
3
5
7
2
4
6
8
9
1
1
1
0
1
2
1
4
1
3
1
5
.050 (1.27) TYP
.025 (0.64) TYP
.0975 (2.48)
.083 (2.11)
.083 (2.11)
.695 (17.65)
.070 (1.78) 2 PLCS
1
3
5
7
2
4
6
8
9
1
1
1
0
1
2
1
4
1
3
1
5
1
7
1
9
2
1
2
0
1
8
1
6
.050 (1.27) TYP
.025 (0.64) TYP
.0975 (2.48)
.083 (2.11)
.083 (2.11)
.795 (20.19)
.070 (1.78) 2 PLCS
1
3
5
7
2
4
6
8
9
1
1
1
0
1
2
1
4
1
3
1
5
1
7
1
9
2
1
2
3
2
5
2
0
2
2
2
4
1
8
1
6
.050 (1.27) TYP
.025 (0.64) TYP
.0975 (2.48)
.083 (2.11)
.083 (2.11)
.945 (24.00)
.070 (1.78) 2 PLCS
1
3
5
7
2
4
6
8
9
1
1
1
0
1
2
1
4
1
3
1
5
1
7
1
9
2
1
2
3
2
5
2
7
2
9
3
1
2
0
2
2
2
4
2
6
2
8
3
0
1
8
1
6
.050 (1.27) TYP
.025 (0.64) TYP
.0975 (2.48)
.083 (2.11)
.083 (2.11)
1.095 (27.81)
.070 (1.78) 2 PLCS
1
3
5
7
2
4
6
8
9
1
1
1
0
1
2
1
4
1
3
1
5
1
7
1
9
2
1
2
3
2
5
2
7
2
9
3
1
3
3
3
5
3
7
3
2
3
4
3
6
2
0
2
2
2
4
2
6
2
8
3
0
1
8
1
6
.050 (1.27) TYP
.025 (0.64) TYP
.0975 (2.48)
.083 (2.11)
.083 (2.11)
1.445 (36.71)
.070 (1.78) 2 PLCS
1
3
5
7
2
4
6
8
9
1
1
1
0
1
2
1
4
1
3
1
5
1
7
1
9
2
1
2
3
2
5
2
7
2
9
3
1
3
3
3
5
3
7
3
2
3
4
3
6
2
0
2
2
2
4
2
6
2
8
3
0
4
2
4
4
4
6
4
8
5
0
3
8
4
0
4
3
4
5
4
7
4
9
5
1
3
9
4
1
1
8
1
6
.083 (2.11)
.098 (2.49) PAD HEIGHT
.088 (2.24) LEAD LENGTH
.016 (0.41) TYP.
.083 (2.11)
.010 (0.25) LEAD DIA.
PAD/FOOTPRINT DETAIL
VERTICAL SMT PLUG (PIN) CONNECTOR LAYOUT 890-010
Component Mounting Side of Printed Circuit Board
9 Contacts
15
Contacts
21 Contacts
25 Contacts
31 Contacts
37 Contacts
51 Contacts


Similar Part No. - 890-010-51PA2-BSST

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
890-012 GLENAIR-890-012 Datasheet
131Kb / 4P
   Nanominiature Connectors Single Row Right Angle Surface Mount PCB
890-012-15PA1-BRST GLENAIR-890-012-15PA1-BRST Datasheet
131Kb / 4P
   Nanominiature Connectors Single Row Right Angle Surface Mount PCB
890-012-15PA2-BRST GLENAIR-890-012-15PA2-BRST Datasheet
131Kb / 4P
   Nanominiature Connectors Single Row Right Angle Surface Mount PCB
890-012-15PS-BRST GLENAIR-890-012-15PS-BRST Datasheet
131Kb / 4P
   Nanominiature Connectors Single Row Right Angle Surface Mount PCB
890-012-15PT-BRST GLENAIR-890-012-15PT-BRST Datasheet
131Kb / 4P
   Nanominiature Connectors Single Row Right Angle Surface Mount PCB
More results

Similar Description - 890-010-51PA2-BSST

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
890-012 GLENAIR-890-012 Datasheet
131Kb / 4P
   Nanominiature Connectors Single Row Right Angle Surface Mount PCB
891-010 GLENAIR-891-010 Datasheet
70Kb / 4P
   Nanominiature Connectors Double Row Vertical Surface Mount
890-006 GLENAIR-890-006 Datasheet
181Kb / 4P
   Nanominiature Connectors Single Row Vertical Mount Printed Circuit Board
891-012 GLENAIR-891-012 Datasheet
81Kb / 4P
   Nanominiature Connectors Double Row Right Angle Surface Mount
891-014-9PA1 GLENAIR-891-014-9PA1 Datasheet
178Kb / 4P
   Nanominiature Connectors Straddle Mount
M32139-01-A01SCS GLENAIR-M32139-01-A01SCS Datasheet
426Kb / 2P
   Nanominiature Connectors
M32139-03-A01SCS GLENAIR-M32139-03-A01SCS Datasheet
266Kb / 2P
   Nanominiature Connectors
891-006 GLENAIR-891-006 Datasheet
159Kb / 4P
   Nanominiature Connectors Double Row Thru Hole Vertical Mount Printed Circuit Board
890-005 GLENAIR-890-005 Datasheet
126Kb / 2P
   Nanominiature Connectors
logo
Precid-Dip Durtal SA
802-10-016-30-001 PREDIP-802-10-016-30-001 Datasheet
40Kb / 1P
   PCB connectors 2.54 mm Single row / double row Surface mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com