Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2589R-1BM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2589R-1BM
Description  Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2589R-1BM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2589R-1BM Datasheet HTML 1Page - Micrel Semiconductor MIC2589R-1BM Datasheet HTML 2Page - Micrel Semiconductor MIC2589R-1BM Datasheet HTML 3Page - Micrel Semiconductor MIC2589R-1BM Datasheet HTML 4Page - Micrel Semiconductor MIC2589R-1BM Datasheet HTML 5Page - Micrel Semiconductor MIC2589R-1BM Datasheet HTML 6Page - Micrel Semiconductor MIC2589R-1BM Datasheet HTML 7Page - Micrel Semiconductor MIC2589R-1BM Datasheet HTML 8Page - Micrel Semiconductor MIC2589R-1BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MIC2589/MIC2595
Single-Channel, Negative High-Voltage Hot
Swap Power Controller/Sequencer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
December 2005
M9999-120505
(408) 955-1690
General Description
The MIC2589 and MIC2595 are single-channel,
negative voltage hot swap controllers designed to
address the need for safe insertion and removal of
circuit boards into “live” system backplanes, while using
few external components. The MIC2589/MIC2589R and
the MIC2595/MIC2595R are each available in 14-pin
SOIC packaging and work in conjunction with an
external N-Channel MOSFET for which the gate drive is
controlled to provide inrush current limiting and output
voltage slew-rate control. Overcurrent fault protection is
also provided via a programmable overcurrent threshold
and filter. Very fast fault response is provided to ensure
that system power supplies maintain regulation even
during output short circuits. These controllers offer two
responses to a circuit breaker fault condition: the
MIC2589 and MIC2595 latch the circuit breaker’s output
off when the overcurrent threshold interval is exceeded
and the overcurrent filter times out while the MIC2589R
and MIC2595R automatically attempt to restart at a fixed
duty cycle after a current limit fault. A primary Power-
Good signal and two secondary (delayed and
staggered) Power-Good signals are provided to indicate
that the output voltage is within its valid operating range.
These signals can be used to perform an all-at-once or
a sequenced enabling of one or more DC-DC power
modules.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
Features
• Provides safe insertion and removal from live –48V
(nominal) backplanes
• Operates from –19V to –80V
• Fast responding circuit breaker (<1µs) to short circuit
conditions
• User-programmable overcurrent detector response
time
• Electronic circuit breaker function:
Output latch OFF (MIC2589/MIC2595)
Output auto-retry (MIC2589R/MIC2595R)
• Active current regulation to control inrush currents
• Programmable undervoltage and overvoltage
lockouts (MIC2589/MIC2589R)
• Programmable UVLO hysteresis
(MIC2595/MIC2595R)
• Staggered ‘Power-Good’ output signals provide load
sequencing
Active-HIGH (-1)
Active-LOW (-2)
Applications
• Central office switching
• –48V power distribution
• Distributed power systems
• AdvancedTCA
_________________________________________________________________________________________________________
Ordering Information
Part Number
Standard
Pb-Free
PWRGD
Polarity
Lockout Functions
Circuit Breaker
Function
Package
MIC2589-1BM
MIC2589-1YM
Active-High
Programmable UVLO & OVLO
Latched Off
14-Pin SOIC
MIC2589-2BM
MIC2589-2YM
Active-Low
Programmable UVLO & OVLO
Latched Off
14-Pin SOIC
MIC2589R-1BM
MIC2589R-1YM
Active-High
Programmable UVLO & OVLO
Auto Retry
14-Pin SOIC
MIC2589R-2BM
MIC2589R-2YM
Active-Low
Programmable UVLO & OVLO
Auto Retry
14-Pin SOIC
MIC2595-1BM
MIC2595-1YM
Active-High
Programmable UVLO Hysteresis
Latched Off
14-Pin SOIC
MIC2595-2BM
MIC2595-2YM
Active-Low
Programmable UVLO Hysteresis
Latched Off
14-Pin SOIC
MIC2595R-1BM
MIC2595R-1YM
Active-High
Programmable UVLO Hysteresis
Auto Retry
14-Pin SOIC
MIC2595R-2BM
MIC2595R-2YM
Active-Low
Programmable UVLO Hysteresis
Auto Retry
14-Pin SOIC


Similar Part No. - MIC2589R-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2589R-1BM MICREL-MIC2589R-1BM Datasheet
100Kb / 17P
   SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
MIC2589R-1BM MICREL-MIC2589R-1BM Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
More results

Similar Description - MIC2589R-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584 MICREL-MIC2584_05 Datasheet
274Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com