Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2595-1BM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2595-1BM
Description  Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2595-1BM Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2595-1BM Datasheet HTML 4Page - Micrel Semiconductor MIC2595-1BM Datasheet HTML 5Page - Micrel Semiconductor MIC2595-1BM Datasheet HTML 6Page - Micrel Semiconductor MIC2595-1BM Datasheet HTML 7Page - Micrel Semiconductor MIC2595-1BM Datasheet HTML 8Page - Micrel Semiconductor MIC2595-1BM Datasheet HTML 9Page - Micrel Semiconductor MIC2595-1BM Datasheet HTML 10Page - Micrel Semiconductor MIC2595-1BM Datasheet HTML 11Page - Micrel Semiconductor MIC2595-1BM Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Micrel
MIC2589/MIC2595
December 2005
8
M9999-120505
(408) 955-1690
AC Electrical Characteristics(7)
Symbol
Parameter
Condition
Min
Typ
Max
Units
tOCSENSE
Overcurrent Sense to GATE
Low Trip Time
(8)
Figure 2
VSENSE – VEE = 100mV
3.5
µs
tOVPHL
OV High to GATE Low
(8)
(MIC2589 and MIC2589R)
Figure 3
OV = 1.5V
1
µs
tOVPLH
OV Low to GATE High
(8),
(MIC2589 and MIC2589R)
Figure 3
OV = 1.0V
1
µs
tUVPHL
UV Low to GATE Low
(8),
(MIC2589 and MIC2589R)
Figure 4
UV = 1.0V
1
µs
tUVPLH
UV High to GATE High
(8)
(MIC2589 and MIC2589R)
Figure 4
UV = 1.5V
1
µs
tOFFPHL
OFF Low to GATE Low
(8),
Figure 5 (MIC2595 and
MIC2595R)
OFF = 1.0V
1
µs
tONPLH
ON High to GATE High
(8)
(MIC2595 and MIC2595R)
Figure 5
ON = 1.5V
1
µs
tPGLH1
DRAIN Low to PWRGD1 Output
High
(8)
(MIC25XX-1XX)
CLOAD on PWRGDx = 50pF
RPULLUP = 100kΩ
3
µs
tPGHL1
DRAIN High to all PWRGDx
Outputs Low
(8)
(MIC25XX-1XX)
CLOAD on PWRGDx = 50pF
RPULLUP = 100kΩ
5
µs
tPGHL2
DRAIN Low to /PWRGD1
Output Low
(8)
(MIC25XX-2)
CLOAD on /PWRGDx = 50pF
RPULLUP = 100kΩ
5
µs
tPGLH2
DRAIN High to all /PWRGDx
Outputs High
(8)
(MIC25XX-2)
CLOAD on /PWRGDx = 50pF
RPULLUP = 100kΩ
3
µs
Note:
7. Specification for packaged product only.
8. Not 100% production tested. Parameters are guaranteed by design.


Similar Part No. - MIC2595-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2595-1BM MICREL-MIC2595-1BM Datasheet
100Kb / 17P
   SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
MIC2595-1BM MICREL-MIC2595-1BM Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
More results

Similar Description - MIC2595-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584 MICREL-MIC2584_05 Datasheet
274Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com