Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2595R-1BM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2595R-1BM
Description  Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2595R-1BM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2595R-1BM Datasheet HTML 1Page - Micrel Semiconductor MIC2595R-1BM Datasheet HTML 2Page - Micrel Semiconductor MIC2595R-1BM Datasheet HTML 3Page - Micrel Semiconductor MIC2595R-1BM Datasheet HTML 4Page - Micrel Semiconductor MIC2595R-1BM Datasheet HTML 5Page - Micrel Semiconductor MIC2595R-1BM Datasheet HTML 6Page - Micrel Semiconductor MIC2595R-1BM Datasheet HTML 7Page - Micrel Semiconductor MIC2595R-1BM Datasheet HTML 8Page - Micrel Semiconductor MIC2595R-1BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Micrel
MIC2589/MIC2595
December 2005
5
M9999-120505
(408) 955-1690
Pin Desription (cont.)
Pin Number
Pin Name
Pin Function
12
PWRGD2
(MIC25XX-1)
Power-Good Output 2: Asserted when the following is true: (PWRGD1 = Asserted)
AND (Time after Assertion of PWRGD1 = Time PWRGD2, as programmed by the
capacitor on PGTIMER). Once PWRGD1 is asserted, the PGTIMER pin begins to
charge and PWRGD2 will assert when PGTIMER crosses the PWRGD2 threshold
(VTHRESH(PG2) = 0.63V, typical). Also see PWRGD1 and PGTIMER pin descriptions
12
/PWRGD2
(MIC25XX-2)
/Power-Good Output 2: Asserted when the following is true: (/PWRGD1 = Asserted)
AND (Time after Assertion of /PWRGD1 = Time /PWRGD2, as programmed by the
capacitor on PGTIMER). Once /PWRGD1 is asserted, the PGTIMER pin begins to
charge and /PWRGD2 will assert when PGTIMER crosses the /PWRGD2 threshold
(VTHRESH(PG2) = 0.63V, typical). Also see /PWRGD1 and PGTIMER pin descriptions.
13
PWRGD3
(MIC25XX-1)
Power-Good Output 3: Asserted when the following is true: (PWRGD1 = Asserted)
AND (Time after Assertion of PWRGD1 = Time PWRGD3, as programmed by the
capacitor on PGTIMER). Once PWRGD1 is asserted, the PGTIMER pin begins to
charge and PWRGD3 will assert when PGTIMER crosses the PWRGD3 threshold
(VTHRESH(PG3) = 1.15V, typical). Also see PWRGD1 and PGTIMER pin descriptions.
13
/PWRGD3
(MIC25XX-2)
/Power-Good Output 3: Open Collector. Asserted when the following is true:
(/PWRGD1 = Asserted) AND (Time after Assertion of /PWRGD1 = Time /PWRGD3,
as programmed by the capacitor on PGTIMER). Once /PWRGD1 is asserted, the
PGTIMER pin begins to charge and /PWRGD3 will assert when PGTIMER crosses
the /PWRGD3 threshold (VTHRESH(PG3) = 1.15V, typical). Also see /PWRGD1 and
PGTIMER pin descriptions.
14
VDD
Positive Supply Input: Connect to the positive, or high side, terminal of the input
power supply.


Similar Part No. - MIC2595R-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2595R-1BM MICREL-MIC2595R-1BM Datasheet
100Kb / 17P
   SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
MIC2595R-1BM MICREL-MIC2595R-1BM Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
More results

Similar Description - MIC2595R-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584 MICREL-MIC2584_05 Datasheet
274Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com