Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2595R-2BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2595R-2BM
Description  Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2595R-2BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2595R-2BM Datasheet HTML 1Page - Micrel Semiconductor MIC2595R-2BM Datasheet HTML 2Page - Micrel Semiconductor MIC2595R-2BM Datasheet HTML 3Page - Micrel Semiconductor MIC2595R-2BM Datasheet HTML 4Page - Micrel Semiconductor MIC2595R-2BM Datasheet HTML 5Page - Micrel Semiconductor MIC2595R-2BM Datasheet HTML 6Page - Micrel Semiconductor MIC2595R-2BM Datasheet HTML 7Page - Micrel Semiconductor MIC2595R-2BM Datasheet HTML 8Page - Micrel Semiconductor MIC2595R-2BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Micrel
MIC2589/MIC2595
December 2005
4
M9999-120505
(408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
1
PWRGD1
(MIC25XX-1)
Active High
/PWRGD1
(MIC25XX-2)
Active Low
Power-Good Output 1: Asserted when the voltage on the DRAIN pin (VDRAIN) is within
VPGTH of VEE, indicating that the output voltage is within proper specifications. For
the MIC2589-1 and MIC2595-1, PWRGD1 will be high impedance when VDRAIN is
less than VPGTH, and will pull-down to VDRAIN when VDRAIN is greater than VPGTH. For
the MIC2589-2 and MIC2595-2, /PWRGD1 will pull-down to VDRAIN when VDRAIN is
less than VPGTH, and will be high-impedance when VDRAIN is greater than VPGTH.
2
PGTIMER
A capacitor connected from this pin to VEE sets the time interval between assertions
of PWRGD2 (or /PWRGD2) and PWRGD3 (or /PWRGD3) relative to PWRGD1 (or
/PWRGD1). See the “Functional Description” for further detail.
3
UV
(MIC2589
and
MIC2589R)
Undervoltage Threshold Input: When the voltage at the UV pin is less than the VUVL
threshold, the GATE pin is immediately pulled low by an internal 100µA current pull-
down. The UV pin is also used to cycle the device off and on to reset the circuit
breaker. Taken together, the OV and UV pins form a window comparator that defines
the limits of VEE to deliver power to the load.
3
OFF
(MIC2595
and
MIC2595R)
Turn-Off Threshold: When the voltage at the OFF pin is less than the VOFFL
threshold, the GATE pin is immediately pulled low by an internal 100µA current pull-
down. The OFF pin is also used to cycle the device off and on to reset the circuit
breaker. Taken together, the ON and OFF pins provide programmable hysteresis for
the MIC2595 to be enabled.
4
OV
(MIC2589
and
MIC2589R)
Overvoltage Threshold Input: When the voltage at the OV pin is greater than the
VOVH threshold, the GATE pin is immediately pulled low by an internal 100µA current
pull-down.
4
ON
(MIC2595
and
MIC2595R)
Turn-On Threshold: At initial system power-up or after the part has been shut off by
the OFF pin, the voltage on the ON pin must be above the VONH threshold in order for
the MIC2595 to be enabled.
5
CFILTER
Current Limit Response Timer: A capacitor connected between this pin and VEE
provides filtering against nuisance tripping of the circuit breaker by setting a time
delay, tFLT, for which an overcurrent event must last prior to signaling a fault condition
and latching the output off. The minimum time for tFLT will be the time it takes for the
output (capacitance) to charge to VEE during start-up. This pin is held to VEE with a
3µA current pull-down when no current limit condition exists. See the “Functional
Description” for further details.
6
CNLD
No-Load Detect Timer: The absence of a load for the MIC2589/MIC2589R is defined
for any current load that is less than 20% of the full-scale current limit (i.e., 0.20
×
ILIM). A capacitor between CNLD and VEE sets the filter delay, tNLD, for a load current
that is 80% (or greater) below the full-scale current limit before the circuit breaker is
tripped.
7
VEE
Negative Supply Voltage Input: Connect the negative, or low side, terminal of the
input power supply.
8
NC
No Internal Connection
9
SENSE
Circuit Breaker Sense Input: A resistor between this pin and VEE sets the current
limit trip point for the circuit. When the current limit threshold of IR = 50mV is
exceeded for tFLT, the circuit breaker is tripped and the GATE pin is immediately
pulled low by IGATEOFF. Toggling UV or OV will reset the circuit breaker. In order to
disable the circuit breaker (i.e., eliminate overcurrent VSENSE-VEE protection), connect
(short) the SENSE pin to VEE and also connect the CNLD pin to VEE to disable the
no-load detection feature.
10
GATE
Gate Drive Output: Connects to the Gate of an N-Channel MOSFET.
11
DRAIN
Drain Sense Input: Connects to the Drain of an N-Channel MOSFET.


Similar Part No. - MIC2595R-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2595R-2BM MICREL-MIC2595R-2BM Datasheet
100Kb / 17P
   SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
MIC2595R-2BM MICREL-MIC2595R-2BM Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
More results

Similar Description - MIC2595R-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584 MICREL-MIC2584_05 Datasheet
274Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com