Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

712H387B2408 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 712H387B2408
Description  Straight, 45째 & 90째 Environmental User-Installable Fitting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712H387B2408 Datasheet(HTML) 2 Page - Glenair, Inc.

  712H387B2408 Datasheet HTML 1Page - Glenair, Inc. 712H387B2408 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
C-15
E-Mail: sales@glenair.com
www.glenair.com
TABLE III
SYMBOL
MATERIAL
FINISH
A
Aluminum Alloy, 6061-T6
Cadmium, Olive Drab, per QQ-P-416, over Electroless Nickel
per QQ-A-225/8
per ASTMB733-90, and MIL-C-26074, 500 Hour Salt Spray
B
Brass, ASTM B16 per
QQ-B-626
C
Corrosion Resistant Steel
Passivate per QQ-P-35
per QQ-S-763, 300 Series
M
Aluminum Alloy, 6061-T6
Electroless Nickel per ASTMB733-90
per QQ-A-225/8
and MIL-C-26074
NC
Aluminum Alloy, 6061-T6
Zinc Cobalt, Olive Drab
per QQ-A-225/8
S
Carbon Steel, B1113,
Cadmium, Olive Drab per QQ-P-416, over Electroless Nickel
per QQ-S-637
per ASTM B733-90 and MIL-C-26074, 500 Hour Salt Spray
TABLE II
DASH
CONDUIT
F MAX
G
H
J
K
NO.
I.D.
E
(NOTE 2)
MAX
MAX
MAX
MAX
08
.250 (6.4)
.75 (19.1)
1.16 (29.5)
.624 (15.8) 1.700 (43.2)
.750 (19.1)
1.810 (46.0)
12
.375 (9.5)
.75 (19.1)
1.34 (34.0)
.654 (16.6) 1.730 (43.9)
.810 (20.6)
1.870 (47.5)
16
.500 (12.7)
.75 (19.1)
1.46 (37.1)
.688 (17.5) 1.750 (44.5)
.870 (22.1)
1.930 (49.0)
20
.625 (15.9)
.75 (19.1)
1.65 (41.9)
.705 (17.9) 1.780 (45.2)
.920 (23.4)
2.000 (50.8)
24
.750 (19.1)
.75 (19.1)
1.84 (46.7)
.732 (18.6) 1.800 (45.7)
.980 (24.9)
2.060 (52.3)
32
1.000 (25.4)
1.00 (25.4)
2.02 (51.3)
.773 (19.6) 2.020 (51.3)
1.080 (27.4)
2.390 (60.7)
40
1.250 (31.8)
1.00 (25.4)
2.34 (59.4)
.823 (20.9) 2.090 (53.1)
1.200 (30.5)
2.540 (64.5)
48
1.500 (38.1)
1.00 (25.4)
2.72 (69.0)
1.041 (26.4) 2.360 (59.9)
1.480 (37.6)
2.870 (72.9)
56
1.750 (44.5)
1.00 (25.4)
2.96 (75.2)
1.062 (27.0) 2.410 (61.2)
1.550 (39.4)
2.960 (75.2)
64
2.000 (50.8)
1.00 (25.4)
3.22 (81.8)
1.092 (27.7) 2.450 (62.2)
1.610 (40.9)
3.070 (78.0)
80
2.500 (63.5)
1.00 (25.4)
3.86 (98.0)
1.190 (30.2) 2.550 (64.8)
1.860 (47.2)
3.320 (84.3)
96
3.000 (76.2)
1.00 (25.4)
4.38 (111.3)
1.250 (31.8) 2.610 (66.3)
1.990 (50.5)
3.450 (87.6)
TABLE I
DASH
A THREAD
B
C
NO.
CLASS 2B
MAX
DIA
08
1/2 - 20 UNF
.640 (16.3)
.250
(6.4)
12
5/8 - 24 UNEF
.760 (19.3)
.375
(9.5)
16
3/4 - 20 UNEF
.890 (22.6)
.500 (12.7)
20
7/8 - 20 UNEF
1.024 (26.0)
.625 (15.9)
24
1 - 20 UNEF
1.152 (29.3)
.750 (19.1)
32
1 5/16 - 18 UNEF
1.488 (37.8)
1.000 (25.4)
40
1 1/2 - 18 UNEF
1.676 (42.6)
1.250 (31.8)
48
1 3/4 - 18 UNS
1.960 (49.8)
1.500 (38.1)
56
2 - 18 UNS
2.210 (56.1)
1.750 (44.5)
64
2 1/4 - 16 UN
2.460 (62.5)
2.000 (50.8)
80
2 3/4 - 16 UN
2.930 (74.4)
2.500 (63.5)
96
3 1/4 - 16 UN
3.450 (87.6)
3.000 (76.2)
NOTES:
1.
Metric dimensions (mm),
are in parentheses.
2.
F dimension is based on
type A construction. Add .125
(3.2) to listed dimensions for
each additional shield types B
through D.
712-387
Straight, 45° & 90° Environmental User-Installable
Fitting for Series 75 Flexible Metal-Core Conduit


Similar Part No. - 712H387B2408

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712HH360M16 GLENAIR-712HH360M16 Datasheet
59Kb / 2P
   Non-Environmental User-Installable
712HH386M16 GLENAIR-712HH386M16 Datasheet
85Kb / 2P
   Environmental User-Installable
712HJ360M16 GLENAIR-712HJ360M16 Datasheet
59Kb / 2P
   Non-Environmental User-Installable
712HJ386M16 GLENAIR-712HJ386M16 Datasheet
85Kb / 2P
   Environmental User-Installable
712HK127M16 GLENAIR-712HK127M16 Datasheet
62Kb / 2P
   Non-Environmental User-Installable
More results

Similar Description - 712H387B2408

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712AK178M16 GLENAIR-712AK178M16 Datasheet
58Kb / 2P
   Non-Environmental User-Installable Fitting
712-188M20AD GLENAIR-712-188M20AD Datasheet
34Kb / 2P
   Environmental User-Installable Bulkhead Fitting
712-379 GLENAIR-712-379 Datasheet
101Kb / 1P
   Non-Environmental User-Installable Transition Fitting
710S188M16 GLENAIR-710S188M16 Datasheet
68Kb / 1P
   Non-Environmental User-Installable Transition Fitting
710CA004M GLENAIR-710CA004M Datasheet
114Kb / 2P
   Non-Environmental User-Installable Straight
712AH386M16 GLENAIR-712AH386M16 Datasheet
85Kb / 2P
   Environmental User-Installable
712-389M20CD GLENAIR-712-389M20CD Datasheet
48Kb / 2P
   User-Installable Bulkhead Fitting
712AK277M16 GLENAIR-712AK277M16 Datasheet
62Kb / 2P
   EMI Environmental User-Installable
712-380 GLENAIR-712-380 Datasheet
45Kb / 2P
   User-Installable Bulkhead Fitting
712AH360M16 GLENAIR-712AH360M16 Datasheet
59Kb / 2P
   Non-Environmental User-Installable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com