Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

712S380J4806-3B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 712S380J4806-3B
Description  User-Installable Bulkhead Fitting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712S380J4806-3B Datasheet(HTML) 1 Page - Glenair, Inc.

  712S380J4806-3B Datasheet HTML 1Page - Glenair, Inc. 712S380J4806-3B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
D-22
E-Mail: sales@glenair.com
www.glenair.com
TYPES
B, C, D, E,
F, & G
BULKHEAD
LENGTH
± .060 (1.52)
TUBING
I.D.
D
MAX
E
MAX
C TYP
B TYP
.945
(24.0)
MAX
O-RING
A THREAD TYP
TYPES C & F
ENVIRONMENTAL
712 S 380 M 16 16 - 3 C
Product
Series
Angular Function
S = Straight
Basic No.
Finish (Table III)
TubingType (B, C, D, E, F & G)
Length in 1/2 inch (12.7) increments
(Example: 6 = 3.0 inches (76.2))
Minimum Length: 1.5 (38.1)
Dash No. (Table II)
Dash No. (Table I)
TYPES B, D, & E
NON-ENVIRONMENTAL
E REF
LENGTH
TYPE G
ENVIRONMENTAL
F REF
LENGTH
TO BE USED
WITH
ADAPTERS AND
TRANSITIONS
SHOWN ON
PAGES G-1
THROUGH G-19
Wrench Flats
712-380 - Types B, C, D, E, F & G
User-Installable Bulkhead Fitting
for Series 74 Helical Convoluted Tubing


Similar Part No. - 712S380J4806-3B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712S387A0808 GLENAIR-712S387A0808 Datasheet
46Kb / 2P
   Straight, 45째 & 90째 Environmental User-Installable Fitting
712S387A1208 GLENAIR-712S387A1208 Datasheet
46Kb / 2P
   Straight, 45째 & 90째 Environmental User-Installable Fitting
712S387A1608 GLENAIR-712S387A1608 Datasheet
46Kb / 2P
   Straight, 45째 & 90째 Environmental User-Installable Fitting
712S387A2008 GLENAIR-712S387A2008 Datasheet
46Kb / 2P
   Straight, 45째 & 90째 Environmental User-Installable Fitting
712S387A2408 GLENAIR-712S387A2408 Datasheet
46Kb / 2P
   Straight, 45째 & 90째 Environmental User-Installable Fitting
More results

Similar Description - 712S380J4806-3B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712-389M20CD GLENAIR-712-389M20CD Datasheet
48Kb / 2P
   User-Installable Bulkhead Fitting
712-188M20AD GLENAIR-712-188M20AD Datasheet
34Kb / 2P
   Environmental User-Installable Bulkhead Fitting
712AK178M16 GLENAIR-712AK178M16 Datasheet
58Kb / 2P
   Non-Environmental User-Installable Fitting
712-379 GLENAIR-712-379 Datasheet
101Kb / 1P
   Non-Environmental User-Installable Transition Fitting
710S188M16 GLENAIR-710S188M16 Datasheet
68Kb / 1P
   Non-Environmental User-Installable Transition Fitting
712-387 GLENAIR-712-387 Datasheet
46Kb / 2P
   Straight, 45째 & 90째 Environmental User-Installable Fitting
712AH386M16 GLENAIR-712AH386M16 Datasheet
85Kb / 2P
   Environmental User-Installable
712AK277M16 GLENAIR-712AK277M16 Datasheet
62Kb / 2P
   EMI Environmental User-Installable
712AH360M16 GLENAIR-712AH360M16 Datasheet
59Kb / 2P
   Non-Environmental User-Installable
712AK127M16 GLENAIR-712AK127M16 Datasheet
62Kb / 2P
   Non-Environmental User-Installable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com