Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38D2 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 38D2
Description  Standard Characteristics
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 38D2_07 Datasheet HTML 2Page - Renesas Technology Corp 38D2_07 Datasheet HTML 3Page - Renesas Technology Corp 38D2_07 Datasheet HTML 4Page - Renesas Technology Corp 38D2_07 Datasheet HTML 5Page - Renesas Technology Corp 38D2_07 Datasheet HTML 6Page - Renesas Technology Corp 38D2_07 Datasheet HTML 7Page - Renesas Technology Corp 38D2_07 Datasheet HTML 8Page - Renesas Technology Corp 38D2_07 Datasheet HTML 9Page - Renesas Technology Corp 38D2_07 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
38D2 Group Standard Characteristics
M38D29GF-XXXFP/HP,M38D29GC-XXXFP/HP,M38D28G8-XXXFP/HP,M38D24G6-XXXFP/HP,M38D24G4-XXXFP/HP
M38D29GFFP/HP,M38D29GCFP/HP,M38D28G8FP/HP,M38D24G6FP/HP,M38D24G4FP/HP
(2) Power Supply Current Standard Characteristics Example (f(XIN) -Icc)
When system is operating in frequency/2 mode (ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 13. f(XIN) -Icc (frequency/2 mode)
When system is operating in frequency/4 mode (ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 14. f(XIN) -Icc (frequency/4 mode)
When system is operating in frequency/8 mode (ceramic oscillation, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 15. f(XIN) -Icc (frequency/8 mode)
A/D conversion not executed
Oscillation Frequency f(XIN) [ MHz]
Oscillation Frequency f(XIN) [ MHz]
A/D conversion not executed
A/D conversion not executed
Oscillation Frequency f(XIN) [ MHz]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
2
4
6
8
10
12
14
16
Vcc = 5.0V
Vcc =3.0V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
2
4
6
8
10
12
14
16
Vcc = 5.0V
Vcc =3.0V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
02
46
8
10
12
14
16
Vcc = 5.0V
Vcc =3.0V
REJ99B1154-0200
©2007. Renesas Technology Corp., All rights reserved.
November 2007
Page 6 of 26


Similar Part No. - 38D2_07

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
38D2-B1-K/W MSYSTEM-38D2-B1-K/W Datasheet
147Kb / 9P
   I/O RELAY CARD
38D2-B1-R/W MSYSTEM-38D2-B1-R/W Datasheet
147Kb / 9P
   I/O RELAY CARD
38D2-B2-K/W MSYSTEM-38D2-B2-K/W Datasheet
147Kb / 9P
   I/O RELAY CARD
38D2-B2-R/W MSYSTEM-38D2-B2-R/W Datasheet
147Kb / 9P
   I/O RELAY CARD
38D2-BY1-K/W MSYSTEM-38D2-BY1-K/W Datasheet
147Kb / 9P
   I/O RELAY CARD
More results

Similar Description - 38D2_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3858 RENESAS-3858_08 Datasheet
169Kb / 8P
   Standard Characteristics
4508 RENESAS-4508_06 Datasheet
245Kb / 26P
   Standard Characteristics
4559 RENESAS-4559_08 Datasheet
234Kb / 18P
   Standard Characteristics
3823 RENESAS-3823_07 Datasheet
353Kb / 26P
   Standard Characteristics
7545 RENESAS-7545_06 Datasheet
100Kb / 8P
   Standard Characteristics
7548 RENESAS-7548_07 Datasheet
255Kb / 18P
   Standard Characteristics
4571 RENESAS-4571_08 Datasheet
161Kb / 14P
   Standard Characteristics
7546 RENESAS-7546_07 Datasheet
199Kb / 14P
   Standard Characteristics
M16C29 RENESAS-M16C29_07 Datasheet
288Kb / 17P
   Standard Characteristics
M16C26A-SC RENESAS-M16C26A-SC Datasheet
249Kb / 17P
   Standard Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com