Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3803L-SC Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 3803L-SC
Description  (Spec.L) Standard characteristics
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3803L-SC Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 3803L-SC Datasheet HTML 6Page - Renesas Technology Corp 3803L-SC Datasheet HTML 7Page - Renesas Technology Corp 3803L-SC Datasheet HTML 8Page - Renesas Technology Corp 3803L-SC Datasheet HTML 9Page - Renesas Technology Corp 3803L-SC Datasheet HTML 10Page - Renesas Technology Corp 3803L-SC Datasheet HTML 11Page - Renesas Technology Corp 3803L-SC Datasheet HTML 12Page - Renesas Technology Corp 3803L-SC Datasheet HTML 13Page - Renesas Technology Corp 3803L-SC Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Page 10 of 22
REJ99B1814-0200/Rev2.00
September 2009
3803 Group (Spec.L)
Standard characteristics
Fig. 19 N-channel open-drain output port N-channel side characteristics (Ta = 25 °C)
Fig. 20 CMOS large current output port N-channel side characteristics (Ta = 25 °C)
0
VOL[V]
IOL
[mA]
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5
10
15
20
25
30
35
40
45
50
5.5
Vcc = 5 V
Port P32 IOL–VOL characteristics (N-channel drive) [Ta = 25 °C]
(Same characteristics pins: P32, P33)
0
VOL[V]
IOL
[mA]
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
20
30
40
50
60
70
80
90
100
5.5
Vcc = 5 V
Port P20 IOL–VOL characteristics (N-channel drive) [Ta = 25 °C]
(Same characteristics pins: P2)


Similar Part No. - 3803L-SC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3803L RENESAS-3803L Datasheet
2Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3803L RENESAS-3803L_08 Datasheet
310Kb / 26P
   8-bit MICROCOMPUTER 38000 Series
More results

Similar Description - 3803L-SC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3858 RENESAS-3858_08 Datasheet
169Kb / 8P
   Standard Characteristics
38D2 RENESAS-38D2_07 Datasheet
395Kb / 28P
   Standard Characteristics
4508 RENESAS-4508_06 Datasheet
245Kb / 26P
   Standard Characteristics
4559 RENESAS-4559_08 Datasheet
234Kb / 18P
   Standard Characteristics
3823 RENESAS-3823_07 Datasheet
353Kb / 26P
   Standard Characteristics
7545 RENESAS-7545_06 Datasheet
100Kb / 8P
   Standard Characteristics
7548 RENESAS-7548_07 Datasheet
255Kb / 18P
   Standard Characteristics
4571 RENESAS-4571_08 Datasheet
161Kb / 14P
   Standard Characteristics
7546 RENESAS-7546_07 Datasheet
199Kb / 14P
   Standard Characteristics
M16C29 RENESAS-M16C29_07 Datasheet
288Kb / 17P
   Standard Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com