Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

947-259 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 947-259
Description  Panel Mount Bulkhead Feed-Thru
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-259 Datasheet(HTML) 2 Page - Glenair, Inc.

  947-259 Datasheet HTML 1Page - Glenair, Inc. 947-259 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
F-15
F
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS
Shell
Size
A Thread
Class 2A
B Dia
Max
C
Hex
D
Flats
E Dia
± .005 (0.1)
F
Dim. Min.
8S
1/2-28 UNEF
1.000 (25.4)
.688 (17.5)
.875 (22.2)
.510 (13.0)
.219 (5.6)
10SL
5/8-24 UNEF
1.125 (28.6)
.812 (20.6)
1.000 (25.4)
.635 (16.1)
.281 (7.1)
12
3/4-20 UNEF
1.250 (31.8)
.938 (23.8)
1.125 (28.6)
.760 (19.3)
.344 (8.7)
12S
3/4-20 UNEF
1.250 (31.8)
.938 (23.8)
1.125 (28.6)
.760 (19.3)
.344 (8.7)
14
7/8-20 UNEF
1.375 (34.9)
1.062 (27.0)
1.250 (31.8)
.885 (22.5)
.406 (10.3)
14S
7/8-20 UNEF
1.375 (34.9)
1.062 (27.0)
1.250 (31.8)
.885 (22.5)
.406 (10.3)
16
1-20 UNEF
1.500 (38.1)
1.250 (31.8)
1.375 (34.9)
1.010 (25.7)
.469 (11.9)
16S
1-20 UNEF
1.500 (38.1)
1.250 (31.8)
1.375 (34.9)
1.010 (25.7)
.469 (11.9)
18
1 1/8-18 UNEF
1.650 (44.5)
1.375 (34.9)
1.625 (41.3)
1.135 (28.8)
.531 (13.5)
20
1 1/4-18 UNEF
1.875 (47.6)
1.500 (38.1)
1.750 (44.5)
1.260 (32.0)
.594 (15.1)
22
1 3/8-18 UNEF
2.000 (50.8)
1.625 (41.3)
1.875 (47.6)
1.385 (35.2)
.656 (16.7)
24
1 1/2-18 UNEF
2.188 (55.6)
1.750 (44.5)
2.000 (50.8)
1.510 (38.4)
.719 (18.3)
28
1 3/4-18 UNEF
2.438 (61.9)
2.000 (50.8)
2.250 (57.2)
1.760 (44.7)
.844 (21.4)
32
2-18 UNEF
2.688 (68.3)
2.250 (57.2)
2.500 (63.5)
2.010 (51.1)
.969 (24.6)
36
2 1/4-16 UN
2.938 (74.6)
2.500 (63.5)
2.750 (69.9)
2.260 (57.4)
1.089 (27.7)
40
2 1/2-16 UN
3.188 (81.0)
2.750 (69.9)
3.000 (76.2)
2.510 (63.7)
1.219 (31.0)
44
2 3/4-16 UN
3.438 (87.3)
3.000 (76.2)
3.250 (82.6)
2.760 (70.1)
1.344 (34.1)
48
3-16 UN
3.688 (93.7)
3.250 (82.6)
3.500 (88.9)
3.010 (76.5)
1.469 (37.3)
TABLE II
Dash No.
G Max
H
J
01
.250
1.224
2.36
02
.500
1.474
2.62
APPLICATION NOTES
To be identified with manufacturer’s name, part number and date
1.
code, space permitting.
For pin/pin and socket/socket symmetrical layouts only, consult
2.
factory for available insert arrangements.
Power to a given contact on one end will result in power to
3.
contact directly opposite regardless of identification letter.
Hermeticity - Less than 1 x 10
4.
-7
cc/sec at one atmosphere.
Electrical safety limits must be established by the user. Peak
5.
voltage, switching surge, transient voltage, etc. should be used
to determine the safety application.
Material/Finish*:
6.
Jam-nut, lock-ring, shell - stainless steel/O.D. cadmium over
nickel
Contacts - copper alloy/gold plated and alloy 52/gold plate
Insulators - High-grade rigid dielectric/N.A. and full glass
Interfacial seals and O-rings - silicone
Metric Dimensions (mm) are indicated in parentheses.
7.
947-259
MIL-DTL-5015 Type Hermetic
Panel Mount Bulkhead Feed-Thru
F
E
Recommended Panel Cut Out
* Additional shell materials available, including titanium and Inconel®. Consult factory for ordering information.


Similar Part No. - 947-259

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
More results

Similar Description - 947-259

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-041 GLENAIR-947-041 Datasheet
533Kb / 1P
   Bulkhead Feed-Thru, Panel Mount
947-056 GLENAIR-947-056 Datasheet
259Kb / 1P
   Bulkhead Feed-Thru
231-104-00M GLENAIR-231-104-00M Datasheet
434Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
947-045 GLENAIR-947-045 Datasheet
370Kb / 1P
   Bulkhead Feed-Thru, Jam Nut Mount
232-104-00M08 GLENAIR-232-104-00M08 Datasheet
459Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
947-303 GLENAIR-947-303 Datasheet
491Kb / 2P
   Narrow Flange Mount Bulkhead Feed-Thru
231-104-00 GLENAIR-231-104-00 Datasheet
181Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
947-101-0935A GLENAIR-947-101-0935A Datasheet
357Kb / 1P
   Flange Mount Environmental Bulkhead Feed-Thru
947-282 GLENAIR-947-282 Datasheet
369Kb / 2P
   Flange Mount Hermetic Bulkhead Feed-Thru
233-104-00M09 GLENAIR-233-104-00M09_10 Datasheet
234Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com