Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

947-050E11-35PA Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 947-050E11-35PA
Description  Jam Nut Mount Shorting Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-050E11-35PA Datasheet(HTML) 2 Page - Glenair, Inc.

  947-050E11-35PA Datasheet HTML 1Page - Glenair, Inc. 947-050E11-35PA Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2010 Glenair, Inc.
E-Mail: sales@glenair.com
D-21
D
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
CLASS 2A
B DIA
MAX
D
HEX
E
FLATS
F DIA
±.005(0.1)
G
+.000-.005
(0-0.1)
09
11/16-24 UNEF
.573(14.6)
.875(22.2)
1.062(27.0)
.703(17.9)
.699(17.8)
11
13/16-20 UNEF
.701(17.8)
1.000(25.4) 1.250(31.8)
.827(21.0)
.769(19.5)
13
1 -20 UNEF
.851(21.6)
1.188(30.2) 1.375(34.9) 1.015(25.8)
.955(24.3)
15
1 1/8-18 UNEF
.976(24.8)
1.312(33.3) 1.500(38.1) 1.140(29.0) 1.084(27.5)
17
1 1/4-18 UNEF
1.101(28.0) 1.438(36.5) 1.625(41.3) 1.265(32.1) 1.208(30.7)
19
1 3/8-18 UNEF
1.208(30.7) 1.562(39.7) 1.812(46.0) 1.390(35.3) 1.333(33.9)
21
1 1/2-18 UNEF
1.333(33.9) 1.688(42.9) 1.938(49.2) 1.515(38.5) 1.459(37.1)
23
1 5/8-18 UNEF
1.458(37.0) 1.812(46.0) 2.062(52.4) 1.640(41.7) 1.580(40.1)
25
1 3/4-18 UNS
1.583(40.2) 2.000(50.8) 2.188(55.6) 1.765(44.8) 1.709(43.4)
APPLICATION NOTES
1.
Assembly identified with manufacturer’s name and part number,
space permitting.
2.
Material/finish:
Shell assembly, jam nut, locking coupling nut—aluminum alloy/
see Table II
Contacts—copper alloy/gold plate
Insulators—high grade dielectric/N.A.
Bayonet pins—CRES/passivate
Ground wafer—copper/tin plate
Conductive seal—Consil II/N.A.
3.
Metric Dimensions (mm) are indicated in parentheses.
947-050
Jam Nut Mount Shorting Receptacle
MIL-DTL-38999 Series I Type
TABLE II: FINISH
SYM
MATERIAL
FINISH
A
Aluminum
Cadmium Plate/Bright Dip
B
Cadmium Plate/Olive Drab
E
Gold Iridite
J
Gold Iridite over Cadmium Plate over Nickel
Plate
L
Cadmium Plate/Olive Drab over Nickel Plate
(500-Hour Salt Spray)
M
Electroless Nickel
N
Cadmium Plate/Olive Drab over Nickel Plate
NF
Cadmium Plate/Olive Drab over Nickel Plate
(500 Hour Salt Spray)
P
Nickel Plate
T
Cadmium Plate over Nickel Plate
W
Leached Iridite
Y
Gold Iridite over Cadmium Plate
Z
Special per Purchase Order
*Consult Factory for Additional Plating Options
REV 28 AUGUST 2010


Similar Part No. - 947-050E11-35PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-050 GLENAIR-947-050_15 Datasheet
212Kb / 2P
   Jam Nut Mount Shorting Receptacle
More results

Similar Description - 947-050E11-35PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-050 GLENAIR-947-050_15 Datasheet
212Kb / 2P
   Jam Nut Mount Shorting Receptacle
900-014NF25-1P1 GLENAIR-900-014NF25-1P1 Datasheet
309Kb / 2P
   Receptacle, Jam-Nut Mount
180_091 GLENAIR-180_091_08 Datasheet
342Kb / 2P
   Jam Nut Mount Receptacle
D38999-23 GLENAIR-D38999-23 Datasheet
203Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255 Datasheet
397Kb / 2P
   Jam Nut Mount Hermetic Receptacle
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
233-100-H7 GLENAIR-233-100-H7 Datasheet
149Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255_15 Datasheet
288Kb / 2P
   Jam Nut Mount Hermetic Receptacle
MS27477Y8D GLENAIR-MS27477Y8D Datasheet
446Kb / 2P
   Jam Nut Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com