Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

850-006-16-616 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 850-006-16-616
Description  Extended Duty Electrical Socket Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

850-006-16-616 Datasheet(HTML) 2 Page - Glenair, Inc.

  850-006-16-616 Datasheet HTML 1Page - Glenair, Inc. 850-006-16-616 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-19
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
39029/106
850-006
Extended Duty Electrical Socket Contact
TABLE I: CONTACT DIMENSIONS
Size
Part Number
Military Number
A (ref)
ø B Min.
ø C
ø D
ø E
ø F
Max.
ø G
ø H
22
850-006-22-614
M39029/106-614
.855
.031
.062
.060
.022
.018
.0355
.0335
.062
.048
.046
.005
.003
20
850-006-20-615
M39029/106-615
.0415
.094
.091
.032
.026
.048
.046
.078
.070
.068
.010
.005
16
850-006-16-616
M39029/106-616
.064
.130
.127
.042
.036
.068
.066
.113
.103
.101
.010
.005
12
850-006-12-617
M39029/106-617
.0955
.182
.179
.042
.036
.102
.098
.161
.151
.148
.016
.005
10
850-006-10-618
M39029/106-618
1.021
.1265
.242
.238
.052
.046
.140
.134
.215
.213
.207
.016
.005
TABLE I: (Continued) CONTACT DIMENSIONS
Size
Part Number
Military Number
K Min.
M
ø P
Min.
S
ø U
V
Color Bands
1st
2nd
3rd
22
850-006-22-614
M39029/106-614
.141
50°
44°
.047
.237
.231
Blue
Brown
Yellow
20
850-006-20-615
M39029/106-615
.209
.078
.072
47°
40°
.053
Blue
Brown
Green
16
850-006-16-616
M39029/106-616
.209
.088
.082
47°
40°
.084
Blue
Brown
Blue
12
850-006-12-617
M39029/106-617
.209
.088
.082
47°
40°
.118
Blue
Brown
Violet
10
850-006-10-618
M39029/106-618
.385
.355
.115
.108
Full
Radius
.146
.405
.395
.183
.177
.121
.111
Blue
Brown
Gray
TABLE II: TOOL COMPATIBILITY
Size
Part Number
Military Number
AWG
Handling
Crimp Tool
Positioner
Insertion Tool
Extraction Tool
22
850-006-22-614
M39029/106-614
22, 24, 26, 28
M22520/2-01
M22520/7-01
M22520/2-07
M22520/7-05
M81969/8-01
M81969/14-01
M81969/8-02
M81969/14-01
20
850-006-20-615
M39029/106-614
20, 22, 24
M22520/1-01
M22520/2-01
M22520/7-01
M22520/1-04 (red)
M22520/2-10
M22520/7-08
M81969/8-05
M81969/14-10
M81969/8-06
M81969/14-10
16
850-006-16-616
M39029/106-614
16, 18, 20
M22520/1-01
M22520/7-01
M22520/1-04 (blue)
M22520/7-04
M81969/8-07
M81969/14-03
M81969/8-08
M81969/14-03
12
850-006-12-617
M39029/106-614
12, 14
M22520/1-01
M22520/1-04
(yellow)
M81969/8-09
M81969/14-04
M81969/8-10
M81969/14-03
10
850-006-10-618
M39029/106-614
10
Daniels 1716P-1
Daniels 1716P-1
M81969/14-05
and M81969/8-11
M81969/14-05 and
M81969/8-12


Similar Part No. - 850-006-16-616

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
850-006 GLENAIR-850-006 Datasheet
357Kb / 2P
   Extended Duty Electrical Socket Contact
More results

Similar Description - 850-006-16-616

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
850-006 GLENAIR-850-006 Datasheet
357Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-107 GLENAIR-M39029-107 Datasheet
353Kb / 2P
   Extended Duty Electrical Pin Contact
M39029-56 GLENAIR-M39029-56 Datasheet
258Kb / 2P
   Standard Duty Electrical Socket Contact
M39029-57 GLENAIR-M39029-57 Datasheet
484Kb / 2P
   Standard Duty Electrical Socket Contact
M39029-84 GLENAIR-M39029-84 Datasheet
254Kb / 2P
   Standard Duty Electrical Socket Contact
850-021 GLENAIR-850-021 Datasheet
222Kb / 1P
   Standard Duty Electrical Socket Contact
850-001 GLENAIR-850-001 Datasheet
258Kb / 2P
   Standard Duty Electrical Socket Contact
M39029-63 GLENAIR-M39029-63 Datasheet
222Kb / 1P
   Standard Duty Electrical Socket Contact
809-002 GLENAIR-809-002 Datasheet
131Kb / 1P
   Electrical Socket Contact
M39029-58 GLENAIR-M39029-58 Datasheet
478Kb / 2P
   Standard Duty Electrical Pin Contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com