Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

720HA115T Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 720HA115T
Description  Connector to Connector Pre-Terminated Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

720HA115T Datasheet(HTML) 2 Page - Glenair, Inc.

  720HA115T Datasheet HTML 1Page - Glenair, Inc. 720HA115T Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
B-7
E-Mail: sales@glenair.com
www.glenair.com
TABLE I
DASH
CONDUIT
MIL-C-28840/4
A
NO.
I.D.
SIZE REF.
DIA
12
.375
(9.5)
03
.625 (15.9)
16
.500 (12.7)
04
.750 (19.1)
20
.625 (15.9)
05
.875 (22.2)
24
.750 (19.1)
06
1.000 (25.4)
32
1.000 (25.4)
08
1.375 (34.9)
40
1.250 (31.8)
10
1.625 (41.3)
48
1.500 (38.1)
12
1.875 (47.6)
64
2.000 (50.8)
16
2.375 (60.3)
Metric dimensions (mm) are indicated in parentheses.
* Length tolerance is ± .250 (12.7) for lengths up to 24
inches (619.6 mm). Length tolerance for longer
lengths is ± one percent (1%) of the length.
TABLE II
SYMBOL FINISH
B
Olive Drab over Cadmium Plate
J
Gold Iridite over Cadmium Plate over Nickel
M
Electroless Nickel
N
Olive Drab over Cadmium Plate over Nickel
NC
Zinc-Cobalt, Olive Drab
NF
Olive Drab over Cadmium Plate over
Electroless Nickel (500 Hour Salt Spray)
T
Bright Dip Cadmium Plate over Nickel
Z1
Passivate
LENGTH *
M28840/4 AC OR BC
CONDUIT
M28840/22
BUSHING
1.50
(44.5)
A DIA
Product Series
750 = Series 75
Neoprene Jacket
N = With Neoprene Jacket
X = Without Neoprene Jacket
Conduit Type
750 N A 106 M 24-36
Length in inches *
Dash No. (Table I)
Finish (Table II)
End Fitting Material
106 = Aluminum
107 = Brass
108 = Stainless Steel
USE WITH
ADAPTERS
M28840/5
M28840/25
M28840/27
M28840/30
750-102 750-103 and 750-115
Pre-Terminated Assemblies for
M28840/5, /25, /27 & /30 Adapters
Series 72 & 74 Tubing & Series 75 Conduit


Similar Part No. - 720HA115T

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
720HA110BT GLENAIR-720HA110BT Datasheet
97Kb / 2P
   Connector to Adapter Pre-Terminated Assemblies
720HA110JT GLENAIR-720HA110JT Datasheet
97Kb / 2P
   Connector to Adapter Pre-Terminated Assemblies
720HA110MT GLENAIR-720HA110MT Datasheet
97Kb / 2P
   Connector to Adapter Pre-Terminated Assemblies
720HA110NCT GLENAIR-720HA110NCT Datasheet
97Kb / 2P
   Connector to Adapter Pre-Terminated Assemblies
720HA110NFT GLENAIR-720HA110NFT Datasheet
97Kb / 2P
   Connector to Adapter Pre-Terminated Assemblies
More results

Similar Description - 720HA115T

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
750-110 GLENAIR-750-110 Datasheet
97Kb / 2P
   Connector to Adapter Pre-Terminated Assemblies
750-106 GLENAIR-750-106 Datasheet
63Kb / 1P
   Pre-Terminated Assemblies
750-100 GLENAIR-750-100 Datasheet
35Kb / 2P
   Adapter to Adapter Pre-Terminated Assemblies
logo
Belden Inc.
MIPP BELDEN-MIPP Datasheet
825Kb / 4P
   MIPP Pre-Terminated MPO Cassette
logo
Glenair, Inc.
257-163 GLENAIR-257-163 Datasheet
67Kb / 2P
   Connector Receptacle Assemblies
220-09E10 GLENAIR-220-09E10 Datasheet
427Kb / 1P
   Plug Connector Assemblies
220-04H10 GLENAIR-220-04H10 Datasheet
80Kb / 1P
   Connector Receptacle Assemblies
220-03H10 GLENAIR-220-03H10 Datasheet
429Kb / 1P
   Bulkhead Connector Receptacle Assemblies
logo
Tyco Electronics
408-4571 MACOM-408-4571 Datasheet
87Kb / 3P
   Backplane Receptacle Connector Assemblies
logo
Glenair, Inc.
220-00E10 GLENAIR-220-00E10 Datasheet
40Kb / 1P
   Bulkhead Connector Receptacle Assemblies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com