Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

712S269XO0114NK Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 712S269XO0114NK
Description  Self-Locking Composite Conduit Adapter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712S269XO0114NK Datasheet(HTML) 1 Page - Glenair, Inc.

  712S269XO0114NK Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
D-29
E-Mail: sales@glenair.com
www.glenair.com
Convoluted Tubing
(Shown for Reference
Only)
Conduit I.D.
45°
A Thread - Typ.
Class 2A
1.06
(26.9)
J
Land area to
accommodate
adhesive
Knurl or flute style mfr option
Self-Locking
Coupling
See Detail A
DETAIL A
Optional Adhesive
Land Configuration
(See Part Number)
712S269 XM 03 24 N K
Basic Part No.
Finish (Table III)
Dash No. (Table I)
K = For use with PEEK conduit material,
omit for standard teflon conduit material
N = Non-self locking, omit for self locking
Conduit Size (Table II)
712S269
Self-Locking Composite Conduit Adapter for
Series 74 Bare PEEK or Standard Teflon® Tubing
TABLE 2
XM
Electroless Nickel
XW
Cadmium Olive Drab Over Electroless
Nickel
XB
No Plating - Black Material
XO
No Plating - Base Material
Non-conductive
Max Conduit
Size Table 2
16
24
32
40
64
09
12
Dash
No.
01
02
03
04
05
06
07
A Thread
Unified
.750 - 20
1.000 - 20
1.312 - 18
1.500 - 18
2.000 - 18
.500 - 20
.625 - 24
Table I
Table III
Weight in
Pounds Max.
.032
.043
.057
.070
.094
.030
.031
J Dia
Max
.790 (20.1)
.985 (25.0)
.985 (25.0)
1.035 (26.3)
1.100 (27.9)
1.160 (29.5)
1.285 (32.6)
1.480 (37.6)
1.670 (42.4)
1.720 (43.7)
2.100 (53.3)
2.420 (61.5)
2.660 (67.6)
2.910 (73.9)
Dash
No.
06
09
10
12
14
16
20
24
28
32
40
48
56
64
Conduit
I.D.
.188 (4.8)
.281 (7.1)
.312 (7.9)
.375 (9.5)
.437 (11.1)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
1.750 (44.5)
2.000 (50.8)
Tablel II
Metric dimensions (mm) are in parentheses and are for reference only.


Similar Part No. - 712S269XO0114NK

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712S269XM GLENAIR-712S269XM Datasheet
261Kb / 1P
   Composite Shrink Boot Conduit Fitting
More results

Similar Description - 712S269XO0114NK

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712S270XM GLENAIR-712S270XM_03 Datasheet
23Kb / 1P
   Self-Locking Composite Conduit Adapter
712S271XM GLENAIR-712S271XM_03 Datasheet
24Kb / 1P
   Self-Locking Composite Conduit Adapter
712AS419XM19 GLENAIR-712AS419XM19 Datasheet
270Kb / 1P
   Self-Locking Composite Conduit Adapter
377-041 GLENAIR-377-041 Datasheet
306Kb / 2P
   Composite FiberCon Conduit Adapter
712AS419XM GLENAIR-712AS419XM Datasheet
339Kb / 2P
   Composite Conduit-to-Connector Adapter
319-064 GLENAIR-319-064 Datasheet
200Kb / 2P
   Composite Self-Locking Rotatable Coupling
M85049-91-09J GLENAIR-M85049-91-09J Datasheet
78Kb / 1P
   Composite Strain Reliefs Self-Locking
319-065 GLENAIR-319-065 Datasheet
255Kb / 2P
   Composite Self-Locking Rotatable Coupling
627-122 GLENAIR-627-122 Datasheet
194Kb / 2P
   Composite Self-Locking Rotatable Coupling
712475XM06DE GLENAIR-712475XM06DE Datasheet
33Kb / 1P
   Composite Conduit Bulkhead Feed-Through Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com