Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

850-007-12-623 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 850-007-12-623
Description  Extended Duty Electrical Pin Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

850-007-12-623 Datasheet(HTML) 1 Page - Glenair, Inc.

  850-007-12-623 Datasheet HTML 1Page - Glenair, Inc. 850-007-12-623 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-20
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
M39029/107
850-007
Extended Duty Electrical Pin Contact
Mating End
Size
Wire
Accomodation
Military Part Number
Glenair Part Number
22
22-28 AWG
M39029/107-620
850-007-22-620
20
20-24 AWG
M39029/107-621
850-007-20-621
16
16-20 AWG
M39029/107-622
850-007-16-622
12
12-14 AWG
M39029/107-623
850-007-12-623
10
10 AWG
M39029/107-624
850-007-10-624
Extended Duty Pin Crimp Contact for MIL-DTL-38999 Series I, III and IV Connectors
D38999
Ser. I, III, IV
M29600
Material and Finish
Copper alloy, plated with 5 μinches gold over 45 μinches palladium alloy.
Rated to 1500 cycles of durability.
T (Ref)
.300
.295
.033
.029
.129
.122
60°
Typ
.040
.030
-22-620 Only
Ø .041
.036
.010 Typ
.004
S
M
A Rad
Ø C
Ø G
Ø E
Ø B
-10-624 Only
Ø G
Ø U
V
Ø F (Flat)
Ø D Thru
One Side Only
Manufacturer
Symbol
S
K
Color Bands
3rd
2nd
1st
H x 45°


Similar Part No. - 850-007-12-623

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
850-001 GLENAIR-850-001 Datasheet
258Kb / 2P
   Standard Duty Electrical Socket Contact
850-001-10-527 GLENAIR-850-001-10-527 Datasheet
258Kb / 2P
   Standard Duty Electrical Socket Contact
850-001-12-353 GLENAIR-850-001-12-353 Datasheet
258Kb / 2P
   Standard Duty Electrical Socket Contact
850-001-16-352 GLENAIR-850-001-16-352 Datasheet
258Kb / 2P
   Standard Duty Electrical Socket Contact
850-001-20-351 GLENAIR-850-001-20-351 Datasheet
258Kb / 2P
   Standard Duty Electrical Socket Contact
More results

Similar Description - 850-007-12-623

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
39029-106 GLENAIR-39029-106 Datasheet
353Kb / 2P
   Extended Duty Electrical Socket Contact
850-006 GLENAIR-850-006 Datasheet
357Kb / 2P
   Extended Duty Electrical Socket Contact
M39029-58 GLENAIR-M39029-58 Datasheet
478Kb / 2P
   Standard Duty Electrical Pin Contact
M39029-64 GLENAIR-M39029-64 Datasheet
220Kb / 1P
   Standard Duty Electrical Pin Contact
M39029-83 GLENAIR-M39029-83 Datasheet
249Kb / 2P
   Standard Duty Electrical Pin Contact
850-022 GLENAIR-850-022 Datasheet
175Kb / 1P
   Standard Duty Electrical Pin Contact
850-002 GLENAIR-850-002 Datasheet
478Kb / 2P
   Standard Duty Electrical Pin Contact
809-001 GLENAIR-809-001 Datasheet
137Kb / 1P
   Electrical Pin Contact
M39029-56 GLENAIR-M39029-56 Datasheet
258Kb / 2P
   Standard Duty Electrical Socket Contact
M39029-57 GLENAIR-M39029-57 Datasheet
484Kb / 2P
   Standard Duty Electrical Socket Contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com