Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY24130ZXC-2T Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY24130ZXC-2T
Description  HOTLink II??SMPTE Receiver Training Clock
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24130ZXC-2T Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY24130ZXC-2T Datasheet HTML 1Page - Cypress Semiconductor CY24130ZXC-2T Datasheet HTML 2Page - Cypress Semiconductor CY24130ZXC-2T Datasheet HTML 3Page - Cypress Semiconductor CY24130ZXC-2T Datasheet HTML 4Page - Cypress Semiconductor CY24130ZXC-2T Datasheet HTML 5Page - Cypress Semiconductor CY24130ZXC-2T Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CY24130
Document #: 38-07711 Rev. *A
Page 3 of 6
Figure 2. Test and Measurement Setup
Voltage and Timing Definitions
Figure 3. Duty Cycle Definitions
Note
1. Not 100% tested.
DC Electrical Specifications
Parameter[1]
Name
Description
Min.
Typ.
Max.
Unit
IOH
Output High Current
VOH = VDD – 0.5, VDD/VDDL = 3.3V
12
24
mA
IOL
Output Low Current
VOL = 0.5, VDD/VDDL = 3.3V
12
24
mA
IIH
Input High Current
VIH = VDD
–5
10
μA
IIL
Input Low Current
VIL = 0V
10
μA
VIH
Input High Voltage
CMOS levels, 70% of VDD
0.7
V
VIL
Input Low Voltage
CMOS levels, 30% of VDD
––
0.3
V
IVDD
Supply Current
AVDD/VDD Current
–16–
mA
IVDDL
Supply Current
VDDL Current
14
mA
AC Electrical Specifications
Parameter[1]
Name
Description
Min.
Typ.
Max.
Unit
DC
Output Duty Cycle
Duty Cycle is defined in Figure 3; t1/t2, 50% of
VDD
45
50
55
%
ER
Rising Edge Rate
Output Clock Edge Rate, Measured from 20% to
80% of VDD, CLOAD = 15 pF. See Figure 4.
0.8
1.4
V/ns
EF
Falling Edge Rate
Output Clock Edge Rate, Measured from 80% to
20% of VDD, CLOAD = 15 pF. See Figure 4.
0.8
1.4
V/ns
t9
Clock Jitter
CLKA Peak-Peak Period Jitter
100
ps
t10
PLL Lock Time
3
ms
0.1
μF
VDDs
Outputs
CLOAD
GND
DUT
Clock
Output
V
DD
50% of V
DD
0V
t
1
t
2
[+] Feedback


Similar Part No. - CY24130ZXC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24130ZXC-2T CYPRESS-CY24130ZXC-2T Datasheet
127Kb / 5P
   HOTLink SMPTE Receiver Training Clock
More results

Similar Description - CY24130ZXC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24130 CYPRESS-CY24130 Datasheet
127Kb / 5P
   HOTLink SMPTE Receiver Training Clock
CY7B9234 CYPRESS-CY7B9234 Datasheet
370Kb / 32P
   SMPTE HOTLink Transmitter/Receiver
CY7B9234 CYPRESS-CY7B9234_07 Datasheet
777Kb / 34P
   SMPTE HOTLink??Transmitter/Receiver
CYP15G0401RB CYPRESS-CYP15G0401RB Datasheet
316Kb / 35P
   Quad HOTLink II??Receiver
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
   Independent Clock Quad HOTLink II Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB Datasheet
526Kb / 19P
   Independent Clock Dual HOTLink II Serializer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com