Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYONS2110 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYONS2110
Description  OvationONS??II Wired/Wireless Laser Navigation System-on-Chip
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2110 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYONS2110 Datasheet HTML 1Page - Cypress Semiconductor CYONS2110 Datasheet HTML 2Page - Cypress Semiconductor CYONS2110 Datasheet HTML 3Page - Cypress Semiconductor CYONS2110 Datasheet HTML 4Page - Cypress Semiconductor CYONS2110 Datasheet HTML 5Page - Cypress Semiconductor CYONS2110 Datasheet HTML 6Page - Cypress Semiconductor CYONS2110 Datasheet HTML 7Page - Cypress Semiconductor CYONS2110 Datasheet HTML 8Page - Cypress Semiconductor CYONS2110 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
CYONS2110
Document Number: 001-44048 Rev. *G
Page 5 of 36
Pin Description
This section describes, lists, and illustrates the CYONS2110 device pins and pinout configurations. The CYONS2110 is available in
a 42-pin quad flat no-leads (QFN) package.
Table 1. CYONS2110 Pin Description
Pin
Name
Digital
Analog
Description
1
XRES
I
Active high external reset with internal pull down
2
BOOST_GND
Power
Power
Boost regulator ground
3
BOOST_IND
Power
Power
Boost regulator inductor
4
VBATT
Power
Power
Boost regulator input
5
DVDD
Power
Power
Digital supply voltage and regulated output (see Power Supply
Connections on page 11)
6
VREGD
Power
Power
Digital VREG
7
AVDD
Power
Power
Analog supply voltage
8
VREGA
Power
Power
Analog VREG
9
P2[7]
I/O
I
GPIO port 2 pin 7
10
P1[5]
IOHR
I
SPI MISO, I2C_SDA, GPIO port 1 pin 5
11
P1[3]
IOHR
I
SPI CLK, GPIO port 1 pin 3
12
P2[3]
I/O
I
GPIO port 2 pin 3
13
P2[5]
I/O
I
GPIO port 2 pin 5
14
P1[7]
IOHR
I
SPI SS, I2C_SCL, GPIO port 1 pin 7
15
P1[1]
IOHR
I
SPI MOSI, ISSP CLK[1], I2C_SCL, GPIO port 1 pin 1
16
P3[3]
IOHR
I
HCLK (OCD high speed clock output), GPIO port 3 pin 3
17
P1[0]
I/O
I
ISSP DATA[1], I2C_SDA, GPIO port 1 pin 0
18
P3[5]
I/O
I
CCLK (OCD CPU clock output), GPIO port 3 pin 5
19
P1[6]
IOHR
I
GPIO port 1 pin 6
20
P1[2]
IOHR
I
GPIO port 1 pin 2
21
P2[2]
I/O
I
GPIO port 2 pin 2
22
P3[7]
I/O
I
OCDOE (OCD mode direction pin), GPIO port 3 pin 7
23
P3[1]
I/O
I
OCDO (OCD odd data output), GPIO port 3 pin 1
24
OCDE
OCD
OCD
OCDE (OCD even data output)
25
AVSS
Power
Power
Analog ground
26
P2[1]
I/O
I
GPIO port 2 pin 1
27
P2[0]
I/O
I
GPIO port 2 pin 0
28
P1[4]
IOHR
I
EXT CLK, GPIO port 1 pin 4
29
P2[4]
I/O
I
GPIO port 2 pin 4
30
DVSS
Power
Power
Digital ground
31
P2[6]
I/O
I
GPIO port 2 pin 6
32
P0[0]
I/O
I
GPIO port 0 pin 0
33
P0[2]
I/O
I
GPIO port 0 pin 2
34
P0[4]
I/O
I
GPIO port 0 pin 4
35
P0[6]
I/O
I
GPIO port 0 pin 6
36
P0[1]
I/O
I
GPIO port 0 pin 1
[+] Feedback
[+] Feedback


Similar Part No. - CYONS2110

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS2110 CYPRESS-CYONS2110 Datasheet
1Mb / 36P
   OvationONS??II Wired Laser Navigation System-on-Chip
More results

Similar Description - CYONS2110

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS2000 CYPRESS-CYONS2000 Datasheet
1Mb / 36P
   OvationONS??II Wired Laser Navigation System-on-Chip
CYONS2001 CYPRESS-CYONS2001 Datasheet
1Mb / 35P
   OvationONS??II Wireless Laser Navigation System-on-Chip
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
CYONS1001X CYPRESS-CYONS1001X_09 Datasheet
1Mb / 24P
   OvationONS Laser Navigation Sensors
CYONS1001X CYPRESS-CYONS1001X Datasheet
1Mb / 24P
   OvationONS??Laser Navigation Sensors
CYONS1001L CYPRESS-CYONS1001L Datasheet
267Kb / 9P
   OvationONS??1L - Laser Navigation Sensor
logo
Broadcom Corporation.
BCM4760 BOARDCOM-BCM4760 Datasheet
532Kb / 2P
   PERSONAL NAVIGATION SYSTEM-ON-CHIP
logo
STMicroelectronics
STA2059 STMICROELECTRONICS-STA2059 Datasheet
73Kb / 4P
   IN VEHICLE NAVIGATION/TELEMATICS SYSTEM ON CHIP
logo
Texas Instruments
CC2538 TI1-CC2538_15 Datasheet
920Kb / 33P
[Old version datasheet]   Powerful Wireless Microcontroller System-On-Chip
logo
STMicroelectronics
BLUENRG-2 STMICROELECTRONICS-BLUENRG-2 Datasheet
5Mb / 190P
   Bluetooth짰 low energy wireless system-on-chip
November 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com