Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY26121ZC-31 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY26121ZC-31
Description  PacketClock??Spread Spectrum Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY26121ZC-31 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY26121ZC-31 Datasheet HTML 1Page - Cypress Semiconductor CY26121ZC-31 Datasheet HTML 2Page - Cypress Semiconductor CY26121ZC-31 Datasheet HTML 3Page - Cypress Semiconductor CY26121ZC-31 Datasheet HTML 4Page - Cypress Semiconductor CY26121ZC-31 Datasheet HTML 5Page - Cypress Semiconductor CY26121ZC-31 Datasheet HTML 6Page - Cypress Semiconductor CY26121ZC-31 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CY26121
PacketClock™ Spread Spectrum Clock
Generator
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07350 Rev. *A
Revised May 22, 2008
Features
Integrated phase-locked loop (PLL)
Low jitter, high-accuracy outputs
3.3V operation
25-MHz input frequency
66.66-MHz or 33.33-MHz selectable output frequency (orig,
-3,-11,-31)
33.33-MHz or 25-MHz selectable output frequency (-2,-21)
Benefits
High-performance PLL tailored for Spread Spectrum appli-
cation
Meets critical timing requirements in complex system designs
Enables application compatibility
Works with commonly available crystal or driven reference
Downspread Spread Spectrum with 30-kHz nominal
modulation frequency
Table 1. Frequency Table for CLKA-D
Part Number
CLKSEL=0
CLKSEL=1
Spread%
Parallel Crystal Load
CY26121
66.66 MHz
33.33
–2.8%
6 pF
CY26121-2
33.33 MHz
25.00
–2.8%
6 pF
CY26121-3
66.66 MHz
33.33
–1.4%
6 pF
CY26121-11
66.66 MHz
33.33
–2.8%
15 pF
CY26121-21
33.33 MHz
25.00
–2.8%
15 pF
CY26121-31
66.66 MHz
33.33
–1.4%
15 pF
25 MHz XIN
XOUT
CLKA
OUTPUT
MULTIPLEXER
AND
DIVIDERS
OSC.
CLKC
VDDL
AVSS
AVDD
VSS
CLKB
REF
VSSL
VDD
CLKD
PLL
with
Modulation Control
Flash Configuration
SSON
CLKSEL
Logic Block Diagram
[+] Feedback


Similar Part No. - CY26121ZC-31

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26121ZC-31 CYPRESS-CY26121ZC-31 Datasheet
62Kb / 6P
   PacketClock Spread Spectrum Clock Generator
CY26121ZC-31T CYPRESS-CY26121ZC-31T Datasheet
62Kb / 6P
   PacketClock Spread Spectrum Clock Generator
More results

Similar Description - CY26121ZC-31

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26121 CYPRESS-CY26121 Datasheet
62Kb / 6P
   PacketClock Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com