Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

947-120-16-35AS Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 947-120-16-35AS
Description  Jam Nut Mount Hermetic Bulkhead Feed-Thru
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-120-16-35AS Datasheet(HTML) 1 Page - Glenair, Inc.

  947-120-16-35AS Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
B-29
B
947-120
Jam Nut Mount Hermetic Bulkhead Feed-Thru
.062/.125in Panel
MIL-DTL-38999 Series II Type
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
CLASS 2A
B DIA
MAX
C
HEX
D
FLATS
E DIA
±.005(0.1)
F +.000-.005
(0-0.1)
08
.875-20 UNEF
.474(12.0)
1.062(27.0)
1.250(31.8)
.885(22.5)
.830(21.1)
10
1.000-20 UNEF
.591(15.0)
1.188(30.2)
1.375(34.9)
1.010(25.7)
.955(24.3)
12
1.125-18 UNEF
.751(19.1)
1.312(33.3)
1.500(38.1)
1.135(28.8)
1.085(27.6)
14
1.250-18 UNEF
.876(22.3)
1.438(36.5)
1.625(41.3)
1.260(32.0)
1.210(30.7)
16
1.375-18 UNEF 1.001(25.4) 1.562(39.7)
1.781(45.2)
1.385(35.2)
1.335(33.9)
18
1.500-18 UNEF 1.126(28.6) 1.688(42.9)
1.890(48.0)
1.510(38.4)
1.460(37.1)
20
1.625-18 UNEF 1.251(31.8) 1.812(46.0)
2.016(51.2)
1.635(41.5)
1.585(40.3)
22
1.750-18 UNS
1.376(35.0) 2.000(50.8)
2.140(54.4)
1.760(44.7)
1.710(43.4)
24
1.875-16 UN
1.501(38.1) 2.125(54.0)
2.265(57.5)
1.885(47.9)
1.835(46.6)
1.69 Max
.915 REF
B TYP
.156 Max
.125/.062 Panel
Accommodation
.125
Hole for .032 DIA Safety
Wire, 3 Equally Spaced
A Thread
Direction of
Pressure
Insert Arrangement
per MIL-STD-1560
D
C
APPLICATION NOTES
Assembly identified with manufacturer’s name and part
1.
number, space permitting.
For pin/pin or socket/socket, symmetrical layouts only
2.
consult factory for available insert arrangements).
Power to a given contact on one end will result in power to
3.
contact directly opposite, regardless of identification letter.
Hermeticity = less than 1 x 10
4.
-7
cc/sec at one atmosphere.
Not for use in liquid atmosphere.
5.
Material/Finish:
6.
Shell, lock ring, jam nut, bayonet pins—stainless steel/passivate
Contacts—copper alloy/gold plate and alloy 52/gold plate
Insulators—high-grade rigid dielectric/N.A. and full glass
Seals - silicone/ N.A.
Metric Dimensions (mm) are indicated in parentheses.
7.
Product
Series
Basic
Number
Contact Termination
P - Pin on Jam Nut Side
S - Socket on Jam Nut Side
PP - Pin to Pin
SS - Socket to Socket
Shell Size
Table I
947 - 120 - 20 - 35 B P
Alternate Key
Position
A, B, C, D
(N = Normal)
Insert Arrangement
Per MIL-STD-1560
E Dia
Recommended Panel Cut-Out
F
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 947-120-16-35AS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-120 GLENAIR-947-120 Datasheet
290Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
More results

Similar Description - 947-120-16-35AS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
231-103-H7FT09-35PA01 GLENAIR-231-103-H7FT09-35PA01 Datasheet
430Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H7 GLENAIR-232-103-H7 Datasheet
185Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-120 GLENAIR-947-120 Datasheet
290Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-278 GLENAIR-947-278 Datasheet
513Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H9 GLENAIR-232-103-H9 Datasheet
315Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
231-103-H7FT09-35PA01 GLENAIR-231-103-H7FT09-35PA01_09 Datasheet
425Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
257-093 GLENAIR-257-093 Datasheet
356Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H7Z108 GLENAIR-232-103-H7Z108_09 Datasheet
433Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
231-103-H9 GLENAIR-231-103-H9 Datasheet
310Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-115 GLENAIR-947-115 Datasheet
290Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com