Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4122IRGZT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4122IRGZT
Description  14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4122IRGZT Datasheet(HTML) 2 Page - Texas Instruments

  ADS4122IRGZT Datasheet HTML 1Page - Texas Instruments ADS4122IRGZT Datasheet HTML 2Page - Texas Instruments ADS4122IRGZT Datasheet HTML 3Page - Texas Instruments ADS4122IRGZT Datasheet HTML 4Page - Texas Instruments ADS4122IRGZT Datasheet HTML 5Page - Texas Instruments ADS4122IRGZT Datasheet HTML 6Page - Texas Instruments ADS4122IRGZT Datasheet HTML 7Page - Texas Instruments ADS4122IRGZT Datasheet HTML 8Page - Texas Instruments ADS4122IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
ADS4122, ADS4125
ADS4142, ADS4145
SBAS520A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
LEAD/BALL
PACKAGE
ORDERING
TRANSPORT
PRODUCT
LEAD
DESIGNATOR
RANGE
ECO PLAN(2)
FINISH
MARKING
NUMBER
MEDIA
ADS4122IRGZR
Tape and reel
GREEN (RoHS,
ADS4122
QFN-48
RGZ
–40°C to +85°C
Cu/NiPdAu
AZ4122
no Sb/Br)
ADS4122IRGZT
Tape and reel
ADS4125IRGZR
Tape and reel
GREEN (RoHS,
ADS4125
QFN-48
RGZ
–40°C to +85°C
Cu/NiPdAu
AZ4125
no Sb/Br)
ADS4125IRGZT
Tape and reel
ADS4142IRGZR
Tape and reel
GREEN (RoHS,
ADS4142
QFN-48
RGZ
–40°C to +85°C
Cu/NiPdAu
AZ4142
no Sb/Br)
ADS4142IRGZT
Tape and reel
ADS4145IRGZR
Tape and reel
GREEN (RoHS,
ADS4145
QFN-48
RGZ
–40°C to +85°C
Cu/NiPdAu
AZ4145
no Sb/Br)
ADS4145IRGZT
Tape and reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Eco Plan is the planned eco-friendly classification. Green (RoHS, no Sb/Br): TI defines Green to mean Pb-Free (RoHS compatible) and
free of Bromine- (Br) and Antimony- (Sb) based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more
information.
The ADS412x/4x family is pin-compatible to the previous generation ADS6149 family; this architecture enables
easy migration. However, there are some important differences between the generations, summarized in Table 1.
Table 1. MIGRATING FROM THE ADS6149 FAMILY
ADS6149 FAMILY
ADS4145 FAMILY
PINS
Pin 21 is NC (not connected)
Pin 21 is NC (not connected)
Pin 23 is MODE
Pin 23 is RESERVED in the ADS4145 family. It is reserved as a digital control pin for an (as yet) undefined function in the
next-generation ADC series.
SUPPLY
AVDD is 3.3V
AVDD is 1.8V
DRVDD is 1.8V
No change
INPUT COMMON-MODE VOLTAGE
VCM is 1.5V
VCM is 0.95V
SERIAL INTERFACE
Protocol: 8-bit register address and 8-bit register data
No change in protocol
New serial register map
EXTERNAL REFERENCE MODE
Supported
Not supported
ADS61B49 FAMILY
ADS41B29/B49/ADS58B18 FAMILY
PINS
Pin 21 is NC (not connected)
Pin 21 is 3.3V AVDD_BUF (supply for the analog input buffers)
Pin 23 is a digital control pin for the RESERVED function.
Pin 23 is MODE
Pin 23 functions as SNR Boost enable (B18 only).
SUPPLY
AVDD is 3.3V
AVDD is 1.8V, AVDD_BUF is 3.3V
DRVDD is 1.8V
No change
INPUT COMMON-MODE VOLTAGE
VCM is 1.5V
VCM is 1.7V
SERIAL INTERFACE
No change in protocol
Protocol: 8-bit register address and 8-bit register data
New serial register map
EXTERNAL REFERENCE MODE
Supported
Not supported
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS4122 ADS4125 ADS4142 ADS4145


Similar Part No. - ADS4122IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4122IRGZT TI1-ADS4122IRGZT Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
More results

Similar Description - ADS4122IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4145 TI1-ADS4145_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4245-EP TI1-ADS4245-EP Datasheet
1Mb / 63P
[Old version datasheet]   ADS4245-EP Dual-Channel, 14-Bit, 125MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com