Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC9998G Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC9998G
Description  1/5 Optical Size PAL Color Solid-State Image Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC9998G Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC9998G Datasheet HTML 2Page - Sanyo Semicon Device LC9998G Datasheet HTML 3Page - Sanyo Semicon Device LC9998G Datasheet HTML 4Page - Sanyo Semicon Device LC9998G Datasheet HTML 5Page - Sanyo Semicon Device LC9998G Datasheet HTML 6Page - Sanyo Semicon Device LC9998G Datasheet HTML 7Page - Sanyo Semicon Device LC9998G Datasheet HTML 8Page - Sanyo Semicon Device LC9998G Datasheet HTML 9Page - Sanyo Semicon Device LC9998G Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Imaging Characteristics at Ta = 25°C
Note: 1. When the frame shift frequency is 3.55 MHz and the storage time is 1/50 second.
Test Procedures
The Sanyo evaluation board must be used for the following tests.
1. Sensitivity
Use a CCV31F pattern box (manufactured by Dai Nippon Printing Co., Ltd.) set up at a brightness of 1500 NT and
color temperature of 5100°K with no pattern. Image the pattern box with an HF16A lens (manufactured by Fujinon)
with a 1 mm thick C-500 IR cut filter in front of that lens.
Set the lens f-stop to f8 and set the lens to be 50 cm from the pattern box. Measure the CCD output signal from the
center of the image with this setup.
2. Uniformity of Output Signal
Measure under the following conditions.
• Standard drive conditions (See the specifications document.)
• Use a 3200°K color temperature halogen lamp as the light source.
• Use a 1 mm thick C-500 IR cut filter.
Set the CCD surface illumination to 7 lux, and divide the image into 45 areas as shown in Figure 4.
Measure the average value for each block, and determine the maximum, minimum, and mean of those values.
Determine the ratio of the range of the block average values to the mean of the block average values.
VF =
Figure 4
3. Saturated Signal
Saturate the output signal by removing the lens in the test setup for item 1. Measure the CCD output signal from the
center of the image in this state.
maximum block average value – minimum block average value
mean block average value
No.5219-6/11
LC9998G
Parameter
Symbol
Test method
Conditions
min
typ
max
Unit
Sensitivity
S
1
175
200
265
mV
Video signal imbalance
VF
2
15
%
Saturated signal
Vsat
3
500
mV
Smear
SM
4
*1
0.04
%
Dark signal
Vdrk
5
Ta = 55°C
7
mV
Color unevenness
Vcs
6
40
mV
Gamma characteristics
γ
1


Similar Part No. - LC9998G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC9997 SANYO-LC9997 Datasheet
187Kb / 9P
   1/5 Inch Optical Size NTSC Color Solid-State Image Device?
LC9997 SANYO-LC9997 Datasheet
187Kb / 11P
   1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
LC9997G SANYO-LC9997G Datasheet
187Kb / 9P
   1/5 Inch Optical Size NTSC Color Solid-State Image Device?
LC9997M SANYO-LC9997M Datasheet
187Kb / 11P
   1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
More results

Similar Description - LC9998G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC9997G SANYO-LC9997G Datasheet
187Kb / 9P
   1/5 Inch Optical Size NTSC Color Solid-State Image Device?
LC9948G SANYO-LC9948G Datasheet
115Kb / 10P
   1/5 Optical Size CCIR B/W Solid-State Image Sensor
LC9949G SANYO-LC9949G Datasheet
117Kb / 10P
   1/6 Optical Size EIA B/W Solid-State Image Sensor
logo
Sony Corporation
ICX077AK SONY-ICX077AK Datasheet
259Kb / 19P
   Diagonal 3.6mm (Type 1/5) CCD Image Sensor for PAL Color Video Cameras
ICX027CKA SONY-ICX027CKA Datasheet
326Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR PAL COLOR CAMERA
ICX055AK SONY-ICX055AK Datasheet
361Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX058AK SONY-ICX058AK Datasheet
347Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX059AK SONY-ICX059AK Datasheet
354Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
logo
Broadcom Corporation.
ADNK-5000 BOARDCOM-ADNK-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Motorola, Inc
MCM20027 MOTOROLA-MCM20027 Datasheet
936Kb / 73P
   Color SXGA Digital Image Sensor 1280 x 1024 pixel progressive scan solid state image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com