Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ33100PWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ33100PWR
Description  Super Capacitor Manager Capacitance Learning ESR Measurement
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ33100PWR Datasheet(HTML) 4 Page - Texas Instruments

  BQ33100PWR Datasheet HTML 1Page - Texas Instruments BQ33100PWR Datasheet HTML 2Page - Texas Instruments BQ33100PWR Datasheet HTML 3Page - Texas Instruments BQ33100PWR Datasheet HTML 4Page - Texas Instruments BQ33100PWR Datasheet HTML 5Page - Texas Instruments BQ33100PWR Datasheet HTML 6Page - Texas Instruments BQ33100PWR Datasheet HTML 7Page - Texas Instruments BQ33100PWR Datasheet HTML 8Page - Texas Instruments BQ33100PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
bq33100
SLUS987A
– JANUARY 2011 – REVISED MARCH 2011
www.ti.com
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VMAX
Supply voltage range
VCC w.r.t. GND
–0.3 to 34
V
VC1, VCC
VVC2–0.3 to VVC2+8.5 or 34,
V
whichever is lower
VC2
VVC3–0.3 to VVC3+8.5
V
VC3
VVC4–0.3 to VVC4+8.5
V
VC4
VSRP–0.3 to VSRP+8.5
V
VIN
Input voltage range
SRP, SRN
–0.3 to VREG27
V
SDA, SCL
–0.3 to 6.0
V
CHGOR
-0.3 to VCC
V
TS, VC5, CHGLVL0, CHGLVL1, FAULT
–0.3 to VREG27 + 0.3
V
CHG
–0.3 to VCC
V
VO
Output voltage range
VC5BAL
-0.3 to VREG27+0.3
V
RBI, REG27
–0.3 to 2.75
V
ISS
Maximum combined sink current for input pins
50
mA
TFUNC
Functional temperature
–40 to 110
°C
TSTG
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute
–maximum–rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VCC
25
Supply voltage
V
VCC
3.8
VVC2+5
VSTARTUP
Start up voltage at VCC
5.2
5.5
V
VSHUTDOWN
VCC or VCC, whichever is higher
3
3.2
3.3
V
VC1, VCC
VVC2
VVC2+5
V
VC2
VVC3
VVC3+5
VC3
VVC4
VVC4+5
VC4
VSRP
VSRP+5
VIN
Input voltage range
VCn
– VC(n+1), (n=1, 2, 3, 4 )
0
5
VC5
0
1
VCC
25
CHGOR
0
VCC - 0.3
V
SRP to SRN
–0.3
1
V
CREG27
External 2.7V REG capacitor
1
μF
TOPR
Operating temperature
–40
85
°C
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): bq33100


Similar Part No. - BQ33100PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ33100PWR TI1-BQ33100PWR Datasheet
1Mb / 67P
[Old version datasheet]   Super Capacitor Manager
More results

Similar Description - BQ33100PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ33100 TI1-BQ33100_15 Datasheet
1Mb / 67P
[Old version datasheet]   Super Capacitor Manager
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
logo
IET Labs Inc.
1620 IET-1620 Datasheet
240Kb / 4P
   Precision Capacitance Measurement System
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
   Learning RF Encoder
logo
MOSDESIGN SEMICONDUCTOR...
M320D MOSDESIGN-M320D Datasheet
129Kb / 5P
   LEARNING DECODER
2008-09-02
logo
Illinois Capacitor, Inc...
ALG ILLINOISCAPACITOR-ALG Datasheet
176Kb / 2P
   Highest capacitance & Voltage, Low ESR
logo
Analog Devices
ADALM1000 AD-ADALM1000 Datasheet
898Kb / 2P
   ADALM1000 Active Learning Module
logo
Illinois Capacitor, Inc...
405DLR2R5K ILLINOISCAPACITOR-405DLR2R5K Datasheet
83Kb / 4P
   Super capacitor
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
   Learning RF Encoder
logo
AVX Corporation
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com