Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R4016V1D Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K6R4016V1D
Description  256Kx16 Bit High Speed Static RAM(3.3V Operating)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4016V1D Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K6R4016V1D Datasheet HTML 4Page - Samsung semiconductor K6R4016V1D Datasheet HTML 5Page - Samsung semiconductor K6R4016V1D Datasheet HTML 6Page - Samsung semiconductor K6R4016V1D Datasheet HTML 7Page - Samsung semiconductor K6R4016V1D Datasheet HTML 8Page - Samsung semiconductor K6R4016V1D Datasheet HTML 9Page - Samsung semiconductor K6R4016V1D Datasheet HTML 10Page - Samsung semiconductor K6R4016V1D Datasheet HTML 11Page - Samsung semiconductor K6R4016V1D Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
K6R4016V1D
CMOS SRAM
PRELIMPreliminaryPPPPPPPPPINARY
Rev 4.0
- 10
Mar. 2004
FUNCTIONAL DESCRIPTION
* X means Don
t Care.
CS
WE
OE
LB
UB
Mode
I/O Pin
Supply Current
I/O1~I/O8
I/O9~I/O16
H
X
X*
X
X
Not Select
High-Z
High-Z
ISB, ISB1
L
H
H
X
X
Output Disable
High-Z
High-Z
ICC
LX
X
H
H
L
H
L
L
H
Read
DOUT
High-Z
ICC
HL
High-Z
DOUT
LL
DOUT
DOUT
LL
X
L
H
Write
DIN
High-Z
ICC
HL
High-Z
DIN
LL
DIN
DIN
DATA RETENTION WAVE FORM
CS controlled
VCC
3.0V
VIH
VDR
CS
GND
Data Retention Mode
CS
≥VCC - 0.2V
tSDR
tRDR
DATA RETENTION CHARACTERISTICS*(TA=0 to 70
°C)
* The above parameters are also guaranteed at industrial temperature range.
Data Retention Characteristic is for L-ver only.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
VCC for Data Retention
VDR
CS
≥VCC - 0.2V
2.0
-
3.6
V
Data Retention Current
IDR
VCC=3.0V, CS
≥VCC - 0.2V
VIN
≥ VCC - 0.2V or VIN≤0.2V
--
2.0
mA
VCC=2.0V, CS
≥VCC - 0.2V
VIN
≥VCC - 0.2V or VIN≤0.2V
--
1.4
Data Retention Set-Up Time
tSDR
See Data Retention
Wave form(below)
0-
-
ns
Recovery Time
tRDR
5-
-
ms


Similar Part No. - K6R4016V1D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4016V1D-J SAMSUNG-K6R4016V1D-J Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016V1D-JC SAMSUNG-K6R4016V1D-JC Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
More results

Similar Description - K6R4016V1D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016C1C-C SAMSUNG-K6R4016C1C-C Datasheet
184Kb / 11P
   256Kx16 Bit High Speed Static RAM(5V Operating).
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
KM68V257C SAMSUNG-KM68V257C Datasheet
197Kb / 9P
   32Kx8 Bit High Speed Static RAM(3.3V Operating), Evolutionary Pin out.
K6R1004V1C-C SAMSUNG-K6R1004V1C-C Datasheet
137Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
K6R3024V1D SAMSUNG-K6R3024V1D Datasheet
172Kb / 9P
   128K x 24 Bit High-Speed CMOS Static RAM(3.3V Operating)
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
logo
Integrated Device Techn...
IDT70V25L15PFG IDT-IDT70V25L15PFG Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com