Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7A161830B-QI25 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K7A161830B-QI25
Description  512Kx36 & 1Mx18 Synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7A161830B-QI25 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K7A161830B-QI25 Datasheet HTML 6Page - Samsung semiconductor K7A161830B-QI25 Datasheet HTML 7Page - Samsung semiconductor K7A161830B-QI25 Datasheet HTML 8Page - Samsung semiconductor K7A161830B-QI25 Datasheet HTML 9Page - Samsung semiconductor K7A161830B-QI25 Datasheet HTML 10Page - Samsung semiconductor K7A161830B-QI25 Datasheet HTML 11Page - Samsung semiconductor K7A161830B-QI25 Datasheet HTML 12Page - Samsung semiconductor K7A161830B-QI25 Datasheet HTML 13Page - Samsung semiconductor K7A161830B-QI25 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
512Kx36 & 1Mx18 Synchronous SRAM
- 10 -
K7A161830B
K7A163630B
Rev. 3.0 April 2006
TEST CONDITIONS
* The above parameters are also guaranteed at industrial temperature range.
PARAMETER
VALUE
Input Pulse Level(for 3.3V I/O)
0 to 3.0V
Input Pulse Level(for 2.5V I/O)
0 to 2.5V
Input Rise and Fall Time(Measured at 20% to 80% for 3.3/2.5V I/O)
1.0V/ns
Input and Output Timing Reference Levels for 3.3V I/O
1.5V
Input and Output Timing Reference Levels for 2.5V I/O
VDDQ/2
Output Load
See Fig. 1
DC ELECTRICAL CHARACTERISTICS
Notes : 1. The above parameters are also guaranteed at industrial temperature range.
2. Reference AC Operating Conditions and Characteristics for input and timing.
3. Data states are all zero.
4. In Case of I/O Pins, the Max. VIH=VDDQ+0.3V.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT NOTES
Input Leakage Current(except ZZ)
IIL
VDD = Max ; VIN=VSS to VDD
-2
+2
µA
Output Leakage Current
IOL
Output Disabled, VOUT=VSS to VDDQ
-2
+2
µA
Operating Current
ICC
Device Selected, IOUT=0mA,
ZZ
≤VIL , Cycle Time ≥ tCYC Min
-25
-
360
mA
1,2
-16
-
300
Standby Current
ISB
Device deselected, IOUT=0mA,
ZZ
≤VIL, f=Max,
All Inputs
≤0.2V or ≥ VDD-0.2V
-25
-
170
mA
-16
-
170
ISB1
Device deselected, IOUT=0mA, ZZ
0.2V,
f = 0, All Inputs=fixed (VDD-0.2V or 0.2V)
-
150
mA
ISB2
Device deselected, IOUT=0mA, ZZ
≥VDD-0.2V,
f=Max, All Inputs
VIL or ≥VIH
-
130
mA
Output Low Voltage(3.3V I/O)
VOL
IOL=8.0mA
-
0.4
V
Output High Voltage(3.3V I/O)
VOH
IOH=-4.0mA
2.4
-
V
Output Low Voltage(2.5V I/O)
VOL
IOL=1.0mA
-
0.4
V
Output High Voltage(2.5V I/O)
VOH
IOH=-1.0mA
2.0
-
V
Input Low Voltage(3.3V I/O)
VIL
-0.3*
0.8
V
nput High Voltage(3.3V I/O)
VIH
2.0
VDD+0.3**
V
3
Input Low Voltage(2.5V I/O)
VIL
-0.3*
0.7
V
Input High Voltage(2.5V I/O)
VIH
1.7
VDD+0.3**
V
3


Similar Part No. - K7A161830B-QI25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A161830B-QPC125-16 SAMSUNG-K7A161830B-QPC125-16 Datasheet
373Kb / 19P
   18MB B-DIE SYNC SRAM SPECIFICATION 100TQFP WITH PB, PB-FREE
More results

Similar Description - K7A161830B-QI25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM736V989 SAMSUNG-KM736V989 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7B163635B SAMSUNG-K7B163635B Datasheet
442Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
   512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7Q163662B SAMSUNG-K7Q163662B Datasheet
337Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com