Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7B163635B Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K7B163635B
Description  512Kx36 & 1Mx18 Synchronous SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7B163635B Datasheet(HTML) 4 Page - Samsung semiconductor

  K7B163635B Datasheet HTML 1Page - Samsung semiconductor K7B163635B Datasheet HTML 2Page - Samsung semiconductor K7B163635B Datasheet HTML 3Page - Samsung semiconductor K7B163635B Datasheet HTML 4Page - Samsung semiconductor K7B163635B Datasheet HTML 5Page - Samsung semiconductor K7B163635B Datasheet HTML 6Page - Samsung semiconductor K7B163635B Datasheet HTML 7Page - Samsung semiconductor K7B163635B Datasheet HTML 8Page - Samsung semiconductor K7B163635B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
K7B161835B
512Kx36 & 1Mx18 Synchronous SRAM
- 4 -
Rev. 3.0 April 2006
K7B163635B
512Kx36 & 1Mx18-Bit Synchronous Burst SRAM
The K7B163635B and K7B161835B are 18,874,368-bit Syn-
chronous Static Random Access Memory designed for high
performance second level cache of Pentium and Power PC
based System.
It is organized as 512K(1M) words of 36(18) bits and integrates
address and control registers, a 2-bit burst address counter and
added some new functions for high performance cache RAM
applications; GW, BW, LBO, ZZ. Write cycles are internally self-
timed and synchronous.
Full bus-width write is done by GW, and each byte write is per-
formed by the combination of WEx and BW when GW is high.
And with CS1 high, ADSP is blocked to control signals.
Burst cycle can be initiated with either the address status pro-
cessor(ADSP) or address status cache controller(ADSC)
inputs. Subsequent burst addresses are generated internally in
the system
′s burst sequence and are controlled by the burst
address advance(ADV) input.
LBO pin is DC operated and determines burst sequence(linear
or interleaved).
ZZ pin controls Power Down State and reduces Stand-by cur-
rent regardless of CLK.
The K7B163635B and K7B161835B are fabricated using SAM-
SUNG
′s high performance CMOS technology and is available
in a 100pin TQFP package. Multiple power and ground pins are
utilized to minimize ground bounce.
GENERAL DESCRIPTION
FEATURES
LOGIC BLOCK DIAGRAM
• Synchronous Operation.
• On-Chip Address Counter.
• Self-Timed Write Cycle.
• On-Chip Address and Control Registers.
• VDD= 2.5 or 3.3V +/- 5% Power Supply.
• 5V Tolerant Inputs Except I/O Pins.
• Byte Writable Function.
• Global Write Enable Controls a full bus-width write.
• Power Down State via ZZ Signal.
• LBO Pin allows a choice of either a interleaved burst or a lin-
ear burst.
• Three Chip Enables for simple depth expansion with No Data
Contention only for TQFP.
• Asynchronous Output Enable Control.
• ADSP, ADSC, ADV Burst Control Pins.
• TTL-Level Three-State Output.
• 100-TQFP-1420A (Lead and Lead free package)
• Operating in commeical and industrial temperature range.
CLK
LBO
ADV
ADSC
ADSP
CS1
CS2
CS2
GW
BW
WEx
OE
ZZ
DQa0 ~ DQd7 or DQa0 ~ DQb7
BURST CONTROL
LOGIC
BURST
512Kx36, 1Mx18
ADDRESS
CONTROL
DATA-IN
ADDRESS
COUNTER
MEMORY
ARRAY
REGISTER
REGISTER
LOGIC
A
0~A′1
A0~A1
or A2~A19
or A0~A19
DQPa ~ DQPd
A0~A18
A2~A18
(x=a,b,c,d or a,b)
DQPa,DQPb
OUTPUT
BUFFER
FAST ACCESS TIMES
PARAMETER
Symbol
-75
Unit
Cycle Time
tCYC
8.5
ns
Clock Access Time
tCD
7.5
ns
Output Enable Access Time
tOE
3.5
ns


Similar Part No. - K7B163635B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7B163635B-PI75 SAMSUNG-K7B163635B-PI75 Datasheet
373Kb / 19P
   18MB B-DIE SYNC SRAM SPECIFICATION 100TQFP WITH PB, PB-FREE
More results

Similar Description - K7B163635B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM736V989 SAMSUNG-KM736V989 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7A163630B SAMSUNG-K7A163630B Datasheet
419Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
   512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7Q163662B SAMSUNG-K7Q163662B Datasheet
337Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com