Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7A163630B-QI16 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K7A163630B-QI16
Description  512Kx36 & 1Mx18 Synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7A163630B-QI16 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K7A163630B-QI16 Datasheet HTML 5Page - Samsung semiconductor K7A163630B-QI16 Datasheet HTML 6Page - Samsung semiconductor K7A163630B-QI16 Datasheet HTML 7Page - Samsung semiconductor K7A163630B-QI16 Datasheet HTML 8Page - Samsung semiconductor K7A163630B-QI16 Datasheet HTML 9Page - Samsung semiconductor K7A163630B-QI16 Datasheet HTML 10Page - Samsung semiconductor K7A163630B-QI16 Datasheet HTML 11Page - Samsung semiconductor K7A163630B-QI16 Datasheet HTML 12Page - Samsung semiconductor K7A163630B-QI16 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
512Kx36 & 1Mx18 Synchronous SRAM
- 9 -
K7A161830B
K7A163630B
Rev. 3.0 April 2006
CAPACITANCE*(TA=25°C, f=1MHz)
*Note : Sampled not 100% tested.
PARAMETER
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Input Capacitance
CIN
VIN=0V
-
5
pF
Output Capacitance
COUT
VOUT=0V
-
6
pF
OPERATING CONDITIONS (0°C ≤ TA ≤ 70°C)
Notes: 1. The above parameters are also guaranteed at industrial temperature range.
2. It should be VDDQ
≤ VDD.
PARAMETER
SYMBOL
MIN
Typ.
MAX
UNIT
Supply Voltage
VDD1
2.375
2.5
2.625
V
VDDQ1
2.375
2.5
2.625
V
VDD2
3.135
3.3
3.465
V
VDDQ2
3.135
3.3
3.465
V
Ground
VSS
00
0
V
ABSOLUTE MAXIMUM RATINGS*
*Note : Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VDD Supply Relative to VSS
VDD
-0.3 to 4.6
V
Voltage on VDDQ Supply Relative to VSS
VDDQ
VDD
V
Voltage on Input Pin Relative to VSS
VIN
-0.3 to VDD+0.3
V
Voltage on I/O Pin Relative to VSS
VIO
-0.3 to VDDQ+0.3
V
Power Dissipation
PD
1.6
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial
TOPR
0 to 70
°C
Industrial
TOPR
-40 to 85
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C
VDDQ
VIL
VDDQ+1.0V
20% tCYC(MIN)
VSS
VIH
VSS-1.0V
20% tCYC(MIN)
Undershoot Timing
Overshoot Timing
VDDQ+0.5V
VSS-0.5V


Similar Part No. - K7A163630B-QI16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A163630B-PI16 SAMSUNG-K7A163630B-PI16 Datasheet
373Kb / 19P
   18MB B-DIE SYNC SRAM SPECIFICATION 100TQFP WITH PB, PB-FREE
K7A163630B-PI25 SAMSUNG-K7A163630B-PI25 Datasheet
373Kb / 19P
   18MB B-DIE SYNC SRAM SPECIFICATION 100TQFP WITH PB, PB-FREE
More results

Similar Description - K7A163630B-QI16

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM736V989 SAMSUNG-KM736V989 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7B163635B SAMSUNG-K7B163635B Datasheet
442Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
   512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7Q163662B SAMSUNG-K7Q163662B Datasheet
337Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com