Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7B403625B Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K7B403625B
Description  128Kx36 & 256Kx18 Synchronous SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7B403625B Datasheet(HTML) 5 Page - Samsung semiconductor

  K7B403625B Datasheet HTML 1Page - Samsung semiconductor K7B403625B Datasheet HTML 2Page - Samsung semiconductor K7B403625B Datasheet HTML 3Page - Samsung semiconductor K7B403625B Datasheet HTML 4Page - Samsung semiconductor K7B403625B Datasheet HTML 5Page - Samsung semiconductor K7B403625B Datasheet HTML 6Page - Samsung semiconductor K7B403625B Datasheet HTML 7Page - Samsung semiconductor K7B403625B Datasheet HTML 8Page - Samsung semiconductor K7B403625B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
128Kx36 & 256Kx18 Synchronous SRAM
- 5 -
Rev. 3.0 July 2006
K7B401825B
K7B403625B
PIN CONFIGURATION(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
100 Pin TQFP
(20mm x 14mm)
DQPc
DQc0
DQc1
VDDQ
VSSQ
DQc2
DQc3
DQc4
DQc5
VSSQ
VDDQ
DQc6
DQc7
N.C.
VDD
N.C.
VSS
DQd0
DQd1
VDDQ
VSSQ
DQd2
DQd3
DQd4
DQd5
VSSQ
VDDQ
DQd6
DQd7
DQPd
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
DQPb
DQb7
DQb6
VDDQ
VSSQ
DQb5
DQb4
DQb3
DQb2
VSSQ
VDDQ
DQb1
DQb0
VSS
N.C.
VDD
ZZ
DQa7
DQa6
VDDQ
VSSQ
DQa5
DQa4
DQa3
DQa2
VSSQ
VDDQ
DQa1
DQa0
DQPa
PIN NAME
SYMBOL
PIN NAME
TQFP PIN NO.
SYMBOL
PIN NAME
TQFP PIN NO.
A0 - A16
ADV
ADSP
ADSC
CLK
CS1
CS2
CS2
WEx
(x=a,b,c,d)
OE
GW
BW
ZZ
LBO
Address Inputs
Burst Address Advance
Address Status Processor
Address Status Controller
Clock
Chip Select
Chip Select
Chip Select
Byte Write Inputs
Output Enable
Global Write Enable
Byte Write Enable
Power Down Input
Burst Mode Control
32,33,34,35,36,37
44,45,46,47,48,49
50,81,82,99,100
83
84
85
89
98
97
92
93,94,95,96
86
88
87
64
31
VDD
VSS
N.C.
DQa0~a7
DQb0~b7
DQc0~c7
DQd0~d7
DQPa~Pd
VDDQ
VSSQ
Power Supply(+3.3V)
Ground
No Connect
Data Inputs/Outputs
Output Power Supply
(2.5V or 3.3V)
Output Ground
15,41,65,91
17,40,67,90
14,16,38,39,42,43,66
52,53,56,57,58,59,62,63
68,69,72,73,74,75,78,79
2,3,6,7,8,9,12,13
18,19,22,23,24,25,28,29
51,80,1,30
4,11,20,27,54,61,70,77
5,10,21,26,55,60,71,76
K7B403625B(128Kx36)


Similar Part No. - K7B403625B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7B403625B SAMSUNG-K7B403625B Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7B403625B-QC SAMSUNG-K7B403625B-QC Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
More results

Similar Description - K7B403625B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A403609B SAMSUNG-K7A403609B_06 Datasheet
419Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7P403622M SAMSUNG-K7P403622M Datasheet
240Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
KM736FV4021 SAMSUNG-KM736FV4021 Datasheet
350Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B SAMSUNG-K7P403622B Datasheet
280Kb / 13P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7A403600B SAMSUNG-K7A403600B Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403600B SAMSUNG-K7A403600B_06 Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7P403623B SAMSUNG-K7P403623B Datasheet
315Kb / 13P
   128Kx36 & 256Kx18 SRAM
K7A403609A SAMSUNG-K7A403609A Datasheet
466Kb / 17P
   128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
K7N403609B SAMSUNG-K7N403609B_06 Datasheet
404Kb / 19P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7A401800M SAMSUNG-K7A401800M Datasheet
408Kb / 15P
   256Kx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com