Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70728PDCKR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV70728PDCKR
Description  200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70728PDCKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV70728PDCKR Datasheet HTML 3Page - Texas Instruments TLV70728PDCKR Datasheet HTML 4Page - Texas Instruments TLV70728PDCKR Datasheet HTML 5Page - Texas Instruments TLV70728PDCKR Datasheet HTML 6Page - Texas Instruments TLV70728PDCKR Datasheet HTML 7Page - Texas Instruments TLV70728PDCKR Datasheet HTML 8Page - Texas Instruments TLV70728PDCKR Datasheet HTML 9Page - Texas Instruments TLV70728PDCKR Datasheet HTML 10Page - Texas Instruments TLV70728PDCKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
2
5.5
InputVoltage(V)
1.3
1.28
1.26
1.24
1.22
1.2
1.18
1.16
1.14
1.12
1.1
+85 C
°
+25 C
°
-40 C
°
V
=1.2V
I
=150mA
OUT
OUT
2.5
3
3.5
4
4.5
5
3.1
5.5
InputVoltage(V)
2.9
2.88
2.86
2.84
2.82
2.8
2.78
2.76
2.74
2.72
2.7
+85 C
°
+25 C
°
-40 C
°
3.7
4.3
4.9
V
=2.8V
I
=150mA
OUT
OUT
5.3
5.5
InputVoltage(V)
5.1
5.08
5.06
5.04
5.02
5
4.98
4.96
4.94
4.92
4.9
+85 C
°
+25 C
°
-40 C
°
V
=5.0V
I
=150mA
OUT
OUT
5.35
5.4
5.45
-40
85
Temperature( C)
°
1.3
1.28
1.26
1.24
1.22
1.2
1.18
1.16
1.14
1.12
1.1
I
=10mA
I
=150mA
OUT
OUT
V
=1.2V
OUT
-15
10
35
60
-40
85
Temperature( C)
°
2.9
2.88
2.86
2.84
2.82
2.8
2.78
2.76
2.74
2.72
2.7
I
=10mA
I
=150mA
OUT
OUT
V
=2.8V
OUT
-15
10
35
60
-40
85
Temperature( C)
°
5.1
5.08
5.06
5.04
5.02
5
4.98
4.96
4.94
4.92
4.9
I
=10mA
I
=150mA
OUT
OUT
V
=5.0V
OUT
-15
10
35
60
TLV707 Series
www.ti.com
SBVS153
– FEBRUARY 2011
TYPICAL CHARACTERISTICS (continued)
At VIN = VOUT(TYP) + 0.5 V or 2.0 V (whichever is greater); IOUT = 10 mA, VEN = VIN, COUT = 1 μF, and TA = –40°C to +85°C,
unless otherwise noted. Typical values are at TA = +25°C.
LINE REGULATION
LINE REGULATION
Figure 9.
Figure 10.
LINE REGULATION
OUTPUT VOLTAGE vs TEMPERATURE
Figure 11.
Figure 12.
OUTPUT VOLTAGE vs TEMPERATURE
OUTPUT VOLTAGE vs TEMPERATURE
Figure 13.
Figure 14.
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TLV70728PDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70728PDQNR TI1-TLV70728PDQNR Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70728PDQNR TI-TLV70728PDQNR Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70728PDQNR TI1-TLV70728PDQNR Datasheet
1Mb / 41P
[Old version datasheet]   Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70728PDQNR TI1-TLV70728PDQNR Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70728PDQNR TI1-TLV70728PDQNR Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70728PDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_17 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI-TLV707_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com