Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2843AYMT Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2843AYMT
Description  High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2843AYMT Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2843AYMT Datasheet HTML 4Page - Micrel Semiconductor MIC2843AYMT Datasheet HTML 5Page - Micrel Semiconductor MIC2843AYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2843AYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2843AYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2843AYMT Datasheet HTML 9Page - Micrel Semiconductor MIC2843AYMT Datasheet HTML 10Page - Micrel Semiconductor MIC2843AYMT Datasheet HTML 11Page - Micrel Semiconductor MIC2843AYMT Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Micrel Inc.
MIC2843A
June 2009
8
M9999-062909-C
Application Information
Dynamic Average Matching (DAM™)
The Dynamic average matching architecture multiplexes
four voltage references to provide highly accurate LED
current and channel matching. The MIC2843A achieves
industry leading LED channel matching of 1.5% across
the entire dimming range.
Ultra Fast PWM™ Dimming Interface
The MIC2843A supports a wide range of PWM control
signal frequencies from 200Hz to 500kHz. This
extremely wide range of control provides ultimate
flexibility for handheld applications using high frequency
PWM control signals.
WLED dimming is achieved by pulse width modulating
the linear drivers which are controlled by a PWM signal
to the END pin. For PWM frequencies between 200Hz –
20kHz the MIC2843A supports a duty cycle range from
1% to 100%, see Figure3. The MIC2843A incorporates
an internal shutdown delay to ensure that the internal
control circuitry remains active during PWM dimming.
This feature prevents the possibility of backlight
flickering when using low frequency PWM control
signals. The MIC2843A also supports Ultra Fast PWM™
frequencies from 20kHz to 500kHz. Due to input signal
propagation delay, PWM frequencies above 20kHz have
a non-linear relationship between the duty cycle and the
average LED current, see Figures 4 and 5. Figures 6
through 10 show the WLED current response when a
PWM signal is applied to the END pin
(1).
(1) From the low Iq sleep mode PWM frequencies above
15kHz may require a logic high enable signal for 80μs to
first enable the MIC2843A prior to PWM dimming.
Figure 3. Average Current per LED Dimming
by Changing PWM Duty Cycle for PWM Frequencies
up to 20kHz
Figure 4. Channel Current Response to PWM Control
Signal Frequencies from 50kHz to 500kHz
Figure 5. Minimum Duty Cycle
for Varying PWM Frequency


Similar Part No. - MIC2843AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
   High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC2843YMT MICREL-MIC2843YMT Datasheet
1Mb / 15P
   High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
More results

Similar Description - MIC2843AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2841A MICREL-MIC2841A Datasheet
901Kb / 13P
   High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812 MICREL-MIC4812 Datasheet
589Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812_1104 MICREL-MIC4812_1104 Datasheet
688Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2845A MICREL-MIC2845A Datasheet
1Mb / 18P
   High Efficiency 6 Channel Linear WLED Driver with DAM?? Ultra Fast PWM??Control and Dual Low IQ LDOs
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
   High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
   High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC2844A MICREL-MIC2844A Datasheet
884Kb / 14P
   High Efficiency 6 Channel WLED Driver with DAM??and Single Wire Digital Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com