Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2844A Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2844A
Description  High Efficiency 6 Channel WLED Driver with DAM??and Single Wire Digital Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2844A Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2844A Datasheet HTML 1Page - Micrel Semiconductor MIC2844A Datasheet HTML 2Page - Micrel Semiconductor MIC2844A Datasheet HTML 3Page - Micrel Semiconductor MIC2844A Datasheet HTML 4Page - Micrel Semiconductor MIC2844A Datasheet HTML 5Page - Micrel Semiconductor MIC2844A Datasheet HTML 6Page - Micrel Semiconductor MIC2844A Datasheet HTML 7Page - Micrel Semiconductor MIC2844A Datasheet HTML 8Page - Micrel Semiconductor MIC2844A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel Inc.
MIC2844A
August 2009
2
M9999-080309-D
Ordering Information
Part Number
Mark Code
(1)
Temperature Range
Package
(2)
MIC2844AYMT
T4Y
–40°C to +125°C
10-Pin 2mm x 2mm Thin MLF
®
Note:
1.
Thin MLF
®
= Pin 1 identifier.
2.
Thin MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is halogen free.
Pin Configuration
D6
D5
5
1
VIN
DC
RSET
GND
10 D1
D2
D3
D4
9
8
7
2
3
4
6
10-Pin 2mm x 2mm Thin MLF
® (MT)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Voltage Input. Connect at least 1µF ceramic capacitor between VIN and GND.
2
DC
Digital control input for linear WLED driver. See Digital Dimming Interface. Do not leave
floating.
3
RSET
An internal 1.27V reference sets the nominal maximum WLED current. Example, apply a 20.5kΩ
resistor between RSET and GND to set LED current to 20mA at 100% duty cycle.
4
GND
Ground.
5
D6
LED6 driver. Connect LED anode to VIN and cathode to this pin.
6
D5
LED5 driver. Connect LED anode to VIN and cathode to this pin.
7
D4
LED4 driver. Connect LED anode to VIN and cathode to this pin.
8
D3
LED3 driver. Connect LED anode to VIN and cathode to this pin.
9
D2
LED2 driver. Connect LED anode to VIN and cathode to this pin.
10
D1
LED1 driver. Connect LED anode to VIN and cathode to this pin.
EPAD
HS PAD
Heat sink pad. Not internally connected. Connect to ground.


Similar Part No. - MIC2844A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
MIC284-0BM MICREL-MIC284-0BM Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
MIC284-0BM MICREL-MIC284-0BM Datasheet
926Kb / 20P
   Two-Zone Thermal Supervisor
MIC284-0BMM MICREL-MIC284-0BMM Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
MIC284-0BMM MICREL-MIC284-0BMM Datasheet
926Kb / 20P
   Two-Zone Thermal Supervisor
More results

Similar Description - MIC2844A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2842A MICREL-MIC2842A Datasheet
862Kb / 14P
   High Efficiency 4 Channel WLED Driver with DAM??and Single Wire Digital Control
MIC2846A MICREL-MIC2846A Datasheet
1Mb / 19P
   High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
   High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2860-D MICREL-MIC2860-D_11 Datasheet
366Kb / 12P
   High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
MIC2860_D MICREL-MIC2860_D Datasheet
366Kb / 12P
   High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
MIC2841A MICREL-MIC2841A Datasheet
901Kb / 13P
   High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812_1104 MICREL-MIC4812_1104 Datasheet
688Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812 MICREL-MIC4812 Datasheet
589Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com