Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2844AYMT Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2844AYMT
Description  High Efficiency 6 Channel WLED Driver with DAM??and Single Wire Digital Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2844AYMT Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2844AYMT Datasheet HTML 4Page - Micrel Semiconductor MIC2844AYMT Datasheet HTML 5Page - Micrel Semiconductor MIC2844AYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2844AYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2844AYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2844AYMT Datasheet HTML 9Page - Micrel Semiconductor MIC2844AYMT Datasheet HTML 10Page - Micrel Semiconductor MIC2844AYMT Datasheet HTML 11Page - Micrel Semiconductor MIC2844AYMT Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Micrel Inc.
MIC2844A
August 2009
8
M9999-080309-D
Application Information
Brightness Level
(0 - 48)
Average
Duty
Cycle (%)
Average
ILED (mA)
IPEAK (mA)
0
100
12
1
80
9.6
2
60
7.2
3
48.33
5.8
4
36.67
4.4
5
29.17
3.5
6
21.67
2.6
7
16.67
2
8
11.67
1.4
9
9.17
1.1
10
6.67
0.8
11
5
0.6
12
3.33
0.4
13
2.5
0.3
14
1.67
0.2
15
0.83
0.1
60% of IPEAK
RSET = 20.5kΩ
IPEAK = 12mA
16
0
0
0
17
0.83
0.1
60% of IPEAK
18
0.83
0.17
19
1.25
0.25
20
1.67
0.33
21
2.08
0.42
22
2.5
0.5
23
2.92
0.58
24
3.33
0.67
25
4.17
0.83
26
5
1
27
5.83
1.17
28
6.67
1.33
29
7.92
1.58
30
9.17
1.83
31
10.42
2.08
32
11.67
2.33
33
14.17
2.83
34
16.67
3.33
35
19.17
3.83
36
21.67
4.33
37
25.42
5.08
38
29.17
5.83
39
32.92
6.58
40
36.67
7.33
41
42.5
8.5
42
48.33
9.67
43
54.17
10.83
44
60
12
45
70
14
46
80
16
47
90
18
48
100
20
100% of IPEAK
RSET = 20.5kΩ
IPEAK = 20mA
Table 1. Digital Interface Brightness Level Table
Dynamic Average Matching™ (DAM™)
The
Dynamic
Average
Matching™
architecture
multiplexes four voltage references to provide highly
accurate LED current and channel matching. The
MIC2844A achieves industry leading LED channel
matching of 1.5% across the entire dimming range.
High Current Parallel Operation
RSET
VIN
C1
Low
Dropout
Linear
Driver
Digital
Control
VIN
U1 MIC2844AYMT
DC
Figure 3. High Current LED Driver Circuit
The linear drivers are independent of each other and can
be used individually or paralleled in any combination for
higher current applications. A single WLED can be
driven with all 6 linear drivers by connecting D1 through
D6 in parallel to the cathode of the WLED as shown in
Figure 3. This will generate a current 6 times the
individual channel current and can be used for higher
current WLEDs such as those used in flash or torch
applications.
Digital Dimming
The MIC2844A utilizes an internal dynamic pulse width
to generate an average duty cycle for each brightness
level. By varying the duty cycle the average current
achieves 49 logarithmically spaced brightness levels.
This generates a brightness scale similar to the
perception of brightness seen by the “human eye.”
Figure 4 shows the LED current for a single channel at
different brightness levels. When dimming, the D1
through D6 pins are 60° out of phase from each other to
reduce electromagnetic interference. The MIC2844A
uses an internal frequency of approximately 700Hz to
dim the WLEDs. With the period of approximately
1.43ms, the 60° phase shift equates to a timing offset of
238μs. As shown in Figure 5, brightness level 32 was
selected to show the phase shift across the channels.


Similar Part No. - MIC2844AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
MIC284-0BM MICREL-MIC284-0BM Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
MIC284-0BM MICREL-MIC284-0BM Datasheet
926Kb / 20P
   Two-Zone Thermal Supervisor
MIC284-0BMM MICREL-MIC284-0BMM Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
MIC284-0BMM MICREL-MIC284-0BMM Datasheet
926Kb / 20P
   Two-Zone Thermal Supervisor
More results

Similar Description - MIC2844AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2842A MICREL-MIC2842A Datasheet
862Kb / 14P
   High Efficiency 4 Channel WLED Driver with DAM??and Single Wire Digital Control
MIC2846A MICREL-MIC2846A Datasheet
1Mb / 19P
   High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
   High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC2860-D MICREL-MIC2860-D_11 Datasheet
366Kb / 12P
   High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
MIC2860_D MICREL-MIC2860_D Datasheet
366Kb / 12P
   High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
MIC2841A MICREL-MIC2841A Datasheet
901Kb / 13P
   High Efficiency 4 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811 MICREL-MIC4811 Datasheet
563Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4811_1104 MICREL-MIC4811_1104 Datasheet
648Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812_1104 MICREL-MIC4812_1104 Datasheet
688Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
MIC4812 MICREL-MIC4812 Datasheet
589Kb / 12P
   High Current 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com