Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2860_D Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2860_D
Description  High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2860_D Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2860_D Datasheet HTML 4Page - Micrel Semiconductor MIC2860_D Datasheet HTML 5Page - Micrel Semiconductor MIC2860_D Datasheet HTML 6Page - Micrel Semiconductor MIC2860_D Datasheet HTML 7Page - Micrel Semiconductor MIC2860_D Datasheet HTML 8Page - Micrel Semiconductor MIC2860_D Datasheet HTML 9Page - Micrel Semiconductor MIC2860_D Datasheet HTML 10Page - Micrel Semiconductor MIC2860_D Datasheet HTML 11Page - Micrel Semiconductor MIC2860_D Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Micrel Inc.
MIC2860-2D
July 2010
9
M9999-072010-A
33µs (tSTART_UP) after the SC pin is first pulled high at the
maximum brightness level 1. After start up, the internal
control logic is ready to decrease the WLED brightness
upon receiving programming pulses (positive edges
applied to SC pin). The brightness level can be
decreased one level by applying a single programming
pulse as shown in Figure 5. Brightness settings can be
quickly changed by sending programming pulses one
after each other. Each programming pulse has a high
(tPROG_HIGH) and a low (tPROG_LOW) pulse width that must
be between 0.3µs to 75µs.
Counter Roll-Over
The MIC2860-2D internal counter contains registers
from 0 to 31 (32 levels). When the brightness level is at
32 (minimum brightness) and a programming pulse
forces the brightness to step down, the counter will roll-
over to level 31 (maximum brightness). This is illustrated
in Figure 7.
Figure 7. Down Counter Roll-Over
Input Capacitor
The MIC2860-2D is a high performance, high bandwidth
device. Stability can be maintained using a ceramic input
capacitor of 1µF. Low ESR ceramic capacitors provide
optimal performance at a minimum amount of space.
Additional high-frequency capacitors, such as small
valued NPO dielectric type capacitors, help filter out high
frequency noise and are good practice in any noise
sensitive
circuit.
X5R
or
X7R
dielectrics
are
recommended for the input capacitor. Y5V dielectrics
lose most of their capacitance over temperature and are
therefore not recommended.
Figure 5. Brightness Programming Pulses
Multiple brightness levels can be changed as shown in
Figure 6. When issuing multiple brightness level
adjustments to the SC pin, ensure both tPROG_LOW and
tPROG_HIGH are within 0.3µs and 75µs.
To maintain operation at the current brightness level
simply maintain a logic level high at the SC pin.
Figure 6. Consecutive Brightness Level Commands
The MIC2860-2D can be programmed to set WLED
drive current to produce one of 32 distinct brightness
levels. The following section explains how the brightness
counter functions with continued programming edges.


Similar Part No. - MIC2860_D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2860-D MICREL-MIC2860-D Datasheet
366Kb / 12P
   High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
MIC2860-D MICREL-MIC2860-D_11 Datasheet
366Kb / 12P
   High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
More results

Similar Description - MIC2860_D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2860-D MICREL-MIC2860-D_11 Datasheet
366Kb / 12P
   High Efficiency 2 Channel WLED Driver with Single Wire Digital Control
MIC2842A MICREL-MIC2842A Datasheet
862Kb / 14P
   High Efficiency 4 Channel WLED Driver with DAM??and Single Wire Digital Control
MIC2844A MICREL-MIC2844A Datasheet
884Kb / 14P
   High Efficiency 6 Channel WLED Driver with DAM??and Single Wire Digital Control
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
   High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
logo
Allegro MicroSystems
A8503 ALLEGRO-A8503 Datasheet
409Kb / 17P
   High Efficiency 6-Channel, 2 MHz, WLED/RGB Driver
logo
Micrel Semiconductor
MIC2843 MICREL-MIC2843 Datasheet
1Mb / 15P
   High-Efficiency 6-Channel Linear WLED Driver with Ultra-Fast PWM??Control
MIC2846A MICREL-MIC2846A Datasheet
1Mb / 19P
   High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
MIC2843A MICREL-MIC2843A Datasheet
905Kb / 13P
   High Efficiency 6 Channel Linear WLED Driver with DAM??and Ultra Fast PWM??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com